PART |
Description |
Maker |
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
BUL741 |
The device is manufactured using high voltage Multi-Epitaxial Planar technology for high switching s High voltage fast-switching NPN Power Transistor
|
ST Microelectronics, Inc. STMicroelectronics
|
BF623 Q62702-F1053 |
PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
KTC4527F |
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING/ WIDE SOA)
|
KEC(Korea Electronics)
|
KTC4526 |
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING, WIDE SOA)
|
KEC Holdings KEC(Korea Electronics)
|
FAN7081MXGF085 FAN7081GF085 FAN7081MGF085 |
The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
|
Fairchild Semiconductor
|
BF393 BF393_D ON0206 |
High Voltage Transistors(NPN) From old datasheet system CASE 29-4, STYLE 1 TO-2 (TO-26AA) HIGH VOLTAGE TRANSISTOR(NPN SILICON) High Voltage Transistor(NPN)
|
Motorola Inc ON Semiconductor Motorola, Inc
|
2SK2349 1034 |
N-Channel Silicon MOSFET High-Voltage, High-Speed Switching Applications From old datasheet system High-Voltage/ High-Speed Switching Applications
|
Sanyo Semicon Device
|
LTC4440ES6 LTC4440 LTC4440EMS8E LTC444009 |
High Speed, High Voltage High Side Gate Driver
|
Linear Technology
|
LTC4440ES6-5 LTC4440-5 LTC4440EMS8E-5 LTC4440EMS8E |
High Speed, High Voltage High Side Gate Driver; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Speed, High Voltage, High Side Gate Driver High Speed, High Voltage High Side Gate Driver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.1 A BUF OR INV BASED MOSFET DRIVER, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|