PART |
Description |
Maker |
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
FSB147HNY |
Meets 2013 ErP Standby Power Regulation (Less than 0.5 W Consumption with 0.25 W Load) for ATX Power and LCD TV Power
|
List of Unclassifed Manufacturers
|
POWER-32D POWER-22D POWER-12D |
(POWER-12D/-22D/-32D) Low power off-line switching power supply control chip
|
Xin Ke
|
T1G4012036-FL-15 |
120W Peak Power, 24W Average Power, 36V DC ?3.5 GHz, GaN RF Power Transistor
|
TriQuint Semiconductor
|
ICE1QS01G |
Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction (PFC)
|
Infineon Technologies AG
|
ATMEGA103-14 |
AVR ?High-performance and Low-power RISC Architecture Power Consumption when Using Slowly Rising Power Supply
|
ATMEL Corporation
|
GSM11 |
Low Power Medical Power Supplies 11 Watt AC/DC Universal Input Power Supply
|
SL Power Electronics
|
U5T12.12.5 R5T12.2.5 U28S15.45 U28S24.4 R28D15.22 |
Low power quad operational amplifiers High power 3-phase auxiliary power supply evaluation board based on L5991 and ESBT STC08DE150HV Evaluation board using 1x SD3932 for HF transmitters VIPer12A travel adaptor 3.6W output Analog IC 模拟IC RF power amplifier using 1 x PD55008 N-channel enhancement-mode lateral MOSFETs 模拟IC RF power amplifier using 1 x PD55008L 模拟IC
|
Electronic Theatre Controls, Inc. KEMET Corporation Bourns, Inc. MITSUMI ELECTRIC CO., LTD.
|
2SD1745 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SB1054 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|