PART |
Description |
Maker |
IRGS30B60 IRGSL30B60K IRGS30B60K IRGB30B60K |
600V UltraFast 10-30 kHz IGBT in a TO-262 package 600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRG4PC30UD |
600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4PC40KD IRG4PC40KDPBF |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A) 绝缘栅双极型晶体管,超快软恢复二极管(VCES和\u003d 600V电压的Vce(on)典\u003d 2.1V的电压,@和VGE \u003d 15V的,集成电路\u003d 25A条) 600V UltraFast 8-25 kHz Copack IGBT in a TO-247AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4BC20U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
|
IRF[International Rectifier]
|
IRG4BC20KS IRG4BC20K-S |
600V UltraFast 8-25 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
|
IRF[International Rectifier]
|
IRG4BC29K IRG4BC30K IRG4BC30 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
IRG4PC50K |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V,Vce(on)typ.=1.84V, @Vge=15V, Ic=30A)
|
IRF[International Rectifier]
|
IRG4BC40U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
|
International Rectifier
|
IRG4PC30U IRG4PC30UPBF |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4BC30KD IRG4BC30KDPBF |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A) 绝缘栅双极型晶体管,超快软恢复二极管(VCES和\u003d 600V电压的Vce(on)典\u003d 2.21V,@和VGE \u003d 15V的,集成电路\u003d 16A条) 600V UltraFast 8-25 kHz Copack IGBT in a TO-220AB package
|
International Rectifier, Corp.
|
IRG4BC30U-S |
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT(Vces=600V, Vce(on)typ. = 1.95V, @Vge=15V, Ic=12A) 绝缘栅双极晶体管IGBT的速度超快速(VCES和\u003d 600V电压的Vce(on)的典型。\u003d 1.95V,@和VGE \u003d 15V的,集成电路\u003d 12A条) 600V UltraFast 8-60 kHz Discrete IGBT in a D2-Pak package
|
International Rectifier, Corp.
|
IRG4PSC71KD |
600V UltraFast 8-25 kHz Copack IGBT in a TO-274AA package
|
International Rectifier
|