PART |
Description |
Maker |
GS840F18AT-10I GS840F18AT-12 GS840F18AT-7.5 GS840F |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
|
GSI[GSI Technology]
|
GS840F32AT-8.5 GS840F36AGT-12 GS840F32AGT-7.5I GS8 |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
|
GSI Technology
|
CY7C0832AV CY7C0830AV CY7C0831AV CY7C0837AV CY7C08 |
FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM(FLEx18 3.3V 64K/128K x 3628K/256K x 18同步双端口RAM) FLEx18 3.3 64K/128K × 3628K/256K × 18同步双口RAMFLEx18 3.3 64K/128K × 3628K/256K × 18同步双端口RAM)的
|
Cypress Semiconductor Corp.
|
GS880V36BT-250 GS880V18BT-333 GS880V18BT-250 GS880 |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 5 ns, PQFP100
|
GSI Technology, Inc. http://
|
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
GS880E18 GS880E36T-11 GS880E18T-11 GS880E32T-11.5I |
512K X 18 CACHE SRAM, 11.5 ns, PQFP100 512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs 256K X 32 CACHE SRAM, 11.5 ns, PQFP100 512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 11 ns, PQFP100 512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 11 ns, PQFP100 8Mb12K x 18Bit) Synchronous Burst SRAM(8M位(512K x 18位)同步静态RAM(带2位脉冲地址计数器))
|
http:// GSI Technology, Inc.
|
CY7C1327F-100AC CY7C1327F-100AI CY7C1327F CY7C1327 |
4-Mb (256K x 18) Pipelined Sync SRAM 256K X 18 CACHE SRAM, 2.6 ns, PBGA119 4-Mb (256K x 18) Pipelined Sync SRAM 256K X 18 CACHE SRAM, 3.5 ns, PBGA119 LED GREEN DUAL T1 RT ANG ASSY
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
GS88136BGD-300I GS88132BT-200 |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 5 ns, PBGA165 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 32 CACHE SRAM, 6.5 ns, PQFP100
|
GSI Technology, Inc.
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
AM29F200BB55EI AM29F200BT-90SI AM29F200BT-55EC AM2 |
2 Mb (256K x 8, 128K x 16) Boot Sector, Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PDSO48 FLASH 128K X 16 TSOP-48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
GS880E18BT-333I GS880E36BT-333 GS880E18BT-250 GS88 |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
|
http://
|