PART |
Description |
Maker |
T7024-TRS T7024 T7024-PGP T7024-PGQ T7024-TRQ |
The T7024 is a monolithic SiGe transmit/receive front-end IC with power amplifier, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like Bluetooth and WDCT. BluetoothISM 2.4-GHz Front- End IC Bluetooth?ISM 2.4-GHz Front- End IC Bluetooth⑩/ISM 2.4-GHz Front- End IC Bluetooth/ISM 2.4-GHz Front- End IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
22-16-2222 0022162222 A-4455-AZ22B |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.80μm (30μ) Gold (Au), 22 Circuits
|
Molex Electronics Ltd.
|
22-16-2251 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.50μm (20μ) Gold (Au), 25 Circuits
|
Molex Electronics Ltd.
|
22-16-2062 A-4455-AZ06B 0022162062 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.80μm (30μ) Gold (Au), 6 Circuits
|
Molex Electronics Ltd.
|
22-16-2080 0022162080 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.38μm (15μ) Gold (Au), 8 Circuits
|
Molex Electronics Ltd.
|
22-16-2150 A-4455-AZ15A |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.38μm (15μ) Gold (Au), 15 Circuits
|
Molex Electronics Ltd.
|
22-15-2076 A-4455-AZ07A 0022152076 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 2.54μm (100μ) Tin (Sn), 7 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Right Angle, End-to-End Stackable, 2.54渭m (100渭) Tin (Sn), 7 Circuits 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Right Angle, End-to-End Stackable, 2.54楼矛m (100楼矛) Tin (Sn), 7 Circuits
|
Molex Electronics Ltd.
|
22-15-2136 A-4455-AZ13A 0022152136 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 2.54μm (100μ) Tin (Sn), 13 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Right Angle, End-to-End Stackable, 2.54渭m (100渭) Tin (Sn), 13 Circuits 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Right Angle, End-to-End Stackable, 2.54楼矛m (100楼矛) Tin (Sn), 13 Circuits
|
Molex Electronics Ltd.
|
22-15-2096 A-4455-AZ09A 0022152096 |
2.54mm (.100) Pitch KK垄莽 PC Board Connector, Right Angle, End-to-End Stackable, 2.54楼矛m (100楼矛) Tin (Sn), 9 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Right Angle, End-to-End Stackable, 2.54渭m (100渭) Tin (Sn), 9 Circuits 2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 2.54μm (100μ) Tin (Sn), 9 Circuits
|
Molex Electronics Ltd.
|
A-4455-AZ13B 22-16-2132 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.80μm (30μ) Gold (Au), 13 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Right Angle, End-to-End Stackable, 0.80渭m (30渭) Gold (Au), 13 Circuits 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Right Angle, End-to-End Stackable, 0.80楼矛m (30楼矛) Gold (Au), 13 Circuits
|
Molex Electronics Ltd.
|
6-102084-0 6-102084-3 6-102084-5 6-102084-6 6-1020 |
AMPMODU MOD II RECEPTACLE ASSEMBLY, HORIZONTAL, .100 CL, 2 ROW, CLOSED-ENTRY, SHORT POINT OF CONTACT, END-TO-END STACKABLE
|
Tyco Electronics
|
|