PART |
Description |
Maker |
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
7205ERPDC-30 7205ERPDS-30 7205ERPDE-30 7205ERPDP-2 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout x9 Asynchronous FIFO 150mA, Low-Dropout Linear Regulator with Power OK Output X9热卖异步FIFO
|
Ohmite Mfg. Co.
|
MIC5255-2.5BD5 MIC5255-2.5BM5 MIC5255-2.5YD5 MIC52 |
150mA Low Noise 渭Cap CMOS LDO 150mA Low Noise μCap CMOS LDO 2.5 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise Cap CMOS LDO
|
Micrel Semiconductor MICREL INC
|
AME8750BEEY1828Z AME8750 AME8750AEEY1828Y AME8750A |
Low-Dropout 150mA / 150mA Dual CMOS Regulator
|
AKM[Asahi Kasei Microsystems]
|
AAT3221IJS-18-T1 AAT3221IJS-24-T1 AAT3221IJS-30-T1 |
150mA NanoPower??LDO Linear Regulator Hex Buffers / Drivers with Open-Collector High-Vltage Outputs 14-SO 0 to 70 150mA的NanoPower⑩LDO线性稳压器 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器 150mA NanoPowerLDO Linear Regulator 150mA的NanoPower⑩LDO线性稳压器 POT 10K OHM SLIDE 100MM MONO FAD 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPower LDO Linear Regulator 150mA NanoPower⑩ LDO Linear Regulator 150MA NANOPOWER⒙ LDO LINEAR REGULATOR
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
ISL3332 ISL3332IAZ ISL3333IRZ |
3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers; Temperature Range: -40°C to 85°C; Package: 28-SSOP DUAL LINE TRANSCEIVER, PDSO28 3.3V, ±15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers 3.3V, 隆戮15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
|
Intersil, Corp. Intersil Corporation
|
APL5151-44B APL5154-27B APL5152-25B APL5151-19B AP |
Low IQ, Low Dropout 150mA Fixed Voltage Regulator 低智商,固定50mA低压降稳压器 Low IQ, Low Dropout 150mA Fixed Voltage Regulator 低智商,固定150mA低压降稳压器
|
Anpec Electronics Corporation Anpec Electronics, Corp.
|
CMPWR161 CMPWR161R CMPWR161Y |
Micropower, Low Noise 4.75V/150mA Low Dropout Regulator Micropower, Low Noise 4.75V/150mA LDO Regulator
|
California Micro Devices Corp
|
MAX8841ELT31T MAX8840ELT30 MAX8840ELT33 MAX8841ELT |
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in ??FN Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in µDFN
|
MAXIM INTEGRATED PRODUCTS INC
|
MIC2951-3.3YM MIC2950-05YZ MIC2950-06YZ MIC2951-03 |
150mA Low-Dropout Voltage Regulator IC REG LDO 150MA 5.0V 0.5% TO92 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3
|
Micrel Semiconductor, Inc.
|
EUP7965-25VIR1 EUP7965-15VIR1 EUP7965-18VIR1 |
150mA Low-Noise Low-Dropout Linear Regulator 150mA低噪声低压差线性稳压器
|
德信科技股份有限公司 Eutech Microelectronics, Inc.
|
AUR9503 |
150mA, Low Noise, High PSRR Low-dropout Regulator
|
Diodes
|