PART |
Description |
Maker |
AM27C2048 AM27C2048-120DC AM27C2048-120DC5 AM27C20 |
2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 OTPROM, 120 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)CMOS存储 TESTER FLAT CABLE 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 UVPROM, 55 ns, CDIP40 4-Bit Binary Full Adders With Fast Carry 16-SO 0 to 70 2兆位128亩16位)的CMOS存储 TESTER MODULAR CABLE RJ45/12/11 4-Bit Binary Full Adders With Fast Carry 16-SOIC 0 to 70 Evaluation Kit for the MAX3869 2 megabit CMOS EPROM
|
SPANSION LLC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AM28F010A AM28F010A-120EC AM28F010A-120ECB AM28F01 |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms 0.5MM, ZIF, SMT, 42 POSITION, EMBOSS TAPE T&R RoHS Compliant: Yes CAP 100PF 1500V 20% NP0(C0G) SMD-1808 TR-13 PLATED-NI/SN 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位28亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 200 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 120 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 150 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PDSO32
|
Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
AMD29F010B AM29F010B-90PI AMD29F010B-45EE AMD29F01 |
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only / Uniform Sector Flash Memory 20V Single N-Channel HEXFET Power MOSFET in a Micro 3 package; A IRLML2402 with Tape and Reel Packaging 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 1兆位28亩8位)的CMOS 5.0伏只,统一部门快闪记忆 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 1兆位128亩8位)的CMOS 5.0伏只,统一部门快闪记忆
|
Advanced Micro Devices, Inc.
|
AM29F200AB-90DWE1 AM29F200AT-90DWE AM29F200AT-90DW |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修1
|
Advanced Micro Devices, Inc.
|
AM27C010-7 AM27C010-4 |
1 Megabit (128 K x 8-Bit) CMOS EPROM
|
AMD
|
AM29BDS128HD9VFI AM29BDS64HD8VKI AM29BDS128HD8VKI |
128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 12864兆位米或4个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存 128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 8M X 16 FLASH 1.8V PROM, 50 ns, PBGA80 128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 1284兆位米或4个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
AM27X2048 AM27X2048-120JC AM27X2048-120JI AM27X204 |
2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device 128K X 16 MASK PROM, 70 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device 128K X 16 MASK PROM, 90 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device 128K X 16 MASK PROM, 90 ns, PDIP40 2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device 128K X 16 MASK PROM, 70 ns, PDIP40
|
ADVANCED MICRO DEVICES INC PROM Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AM27C010 AM27C010-120 AM27C010-120DC5 AM27C010-120 |
1 Megabit (128 K x 8-Bit) CMOS EPROM 1兆位128亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 128K X 8 OTPROM, 45 ns, PQCC32 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 128K X 8 OTPROM, 45 ns, PDIP32 1 Megabit (128 K x 8-Bit) CMOS EPROM 1兆位28亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP 0 to 70 Octal buffers and line drivers 20-PDIP 0 to 70 Quad bus transceivers 14-SOIC 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SO 0 to 70 Octal buffers and line drivers 20-SO 0 to 70 1 megabit CMOS EPROM 1 Megabit (128 K x 8-Bit) CMOS EPROM
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AM29F200BB-120DT1 AM29F200BB-120DP1 AM29F200BB-120 |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
|
Advanced Micro Devices, Inc.
|
AM29F200B01 AM29F200BT-90DWI1 AM29F200B AM29F200BB |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
|
AMD[Advanced Micro Devices]
|
AM29PDL127H68VKI AM29PDL127H65VKIN AM29PDL127H68VK |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 128兆位8米16位).0伏的CMOS只,页面模式同步写闪存与增强VersatileIO控制记忆 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 8M X 16 FLASH 3V PROM, 65 ns, PBGA64 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 8M X 16 FLASH 3V PROM, 55 ns, PBGA64 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 8M X 16 FLASH 3V PROM, 85 ns, PBGA64 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 8M X 16 FLASH 3V PROM, 55 ns, PBGA80 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 128兆位米16位).0伏的CMOS只,页面模式同步写闪存与增强VersatileIO控制记忆
|
Advanced Micro Devices Spansion, Inc. Spansion Inc.
|