PART |
Description |
Maker |
LTC2640AHTS8-HM10 LTC2640ACTS8-HM10 LTC2640AITS8-H |
Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/∑C Reference
|
Linear Technology
|
LTC2633ACTS8-LI12TRPBF LTC2633ACTS8-LI12TRMPBF LTC |
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/°C Reference
|
Linear Technology
|
LTC2632HTS8-LI12TRMPBF LTC2632AHTS8-LI12TRPBF LTC2 |
Dual 12-/10-/8-Bit SPI VOUT DACs with 10ppm/°C Reference
|
Linear Technology
|
LTC6992 |
Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/°C Reference
|
Linear Technology
|
LTC2636CDE-LMX10 LTC2636IDE-LMX10 LTC2636HDE-LMX10 |
Octal 12-/10-/8-Bit SPI VOUT DACs with10ppm/∑C Reference Octal 12-/10-/8-Bit SPI VOUT DACs with10ppm/隆?C Reference
|
Linear Technology
|
AD844JR-16 AD844JR-16-REEL AD844JR-16-REEL7 AD8440 |
18V; 1.5W; 60MHz, 1.1W; 2000V/mS monolithic Op Amp. For flash ADC input amplifiers, high-speed current DAC interfaces 60 MHz, 2000 V/us Monolithic Op Amp 16-Bit, Ultra Precise, Fast Settling VOUT DAC; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C 16-Bit, Ultra Precise, Fast Settling VOUT DAC; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 85°C
|
Analog Devices
|
AD5044BRUZ AD5024 AD5024BRUZ AD5024BRUZ-REEL7 AD50 |
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
|
Analog Devices
|
DC812A DC812A-15 |
SCH LTC2606CDD 16 BIT RAIL TO RAIL VOUT DAC I2C INTERFACE
|
Linear Technology
|
AD5318 AD5308 AD5328 |
2.5 V to 5.5 V Octal Voltage Output 10-Bit DAC in 16-Lead TSSOP Octal 8-Bit Low Voltage Low Power Serial Vout DAC in 16 lead TSSOP Octal 12-Bit Low Voltage Low Power Serial Vout DAC in 16 lead TSSOP
|
Analog Devices
|
LTC2668-15 |
16-Channel 16-/12-Bit 10V VOUT SoftSpan DACs with 10ppm/C Max Reference
|
Linear Technology
|
5962-05238 5962-05240 5962-05241 5962-05242 5962-0 |
30W Total Output Power 28 Vin 1.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05238 30W Total Output Power 28 Vin 5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05240 30W Total Output Power 28 Vin /-12 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05241 30W Total Output Power 28 Vin /-15 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05242 30W Total Output Power 28 Vin 12 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-06241 30W Total Output Power 28 Vin 2.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package.
|
International Rectifier
|