PART |
Description |
Maker |
QS74FCT1280T QS74FCT1280TSO QS74FCT1280ATSO QS74FC |
High Speed CMOS 9 Bit Parity Generator / Checker Parity Generator/Checker
|
Quality Semiconductor
|
5962F9670801VXC 5962F9670801VCC ACS280MS ACS280K A |
Radiation Hardened 9-Bit Odd/
Even Parity Generator Checker(抗辐位奇偶发生器校验 Radiation Hardened 9-Bit Odd/ Even Parity Generator Checker From old datasheet system
|
INTERSIL[Intersil Corporation]
|
M27C64A M27C64A-15C1TR M27C64A-15C1X M27C64A-15C6T |
512 Kbit 32Kb x16 OTP EPROM 64K (8K x 8) UV EPROM and OTP ROM From old datasheet system 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TVSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-SSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TSSOP -40 to 85 18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 64千位× 8紫外KB的EPROM的和OTP存储 64 Kbit 8Kb x 8 UV EPROM and OTP EPROM 64千位× 8紫外KB的EPROM的和OTP存储
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
SSTUM32866EC_G SSTUM32866EC_S SSTUM32866 SSTUM3286 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
|
NXP Semiconductors
|
M28F201 M28F201-120K6R M28F201-120XK6R M28F201-120 |
Triple 3-Input Positive-NOR Gates 14-SOIC 0 to 70 Triple 3-Input Positive-NOR Gates 14-PDIP 0 to 70 9-Bit Parity Generators/Checkers 14-SOIC 0 to 70 Quadruple 2-Input Multiplexers With Storage 16-PDIP 0 to 70 8-Input Positive-NAND Gates 14-SSOP 0 to 70 9-Bit Parity Generators/Checkers 14-PDIP 0 to 70 2 MB56K × 8,芯片擦除闪 9-Bit Parity Generators/Checkers 14-SO 0 to 70 2 MB56K × 8,芯片擦除闪 2 Mb 256K x 8, Chip Erase FLASH MEMORY 2 MB56K × 8,芯片擦除闪 8-Input Positive-NAND Gates 14-SO 0 to 70 2 MB56K × 8,芯片擦除闪 9-Bit Parity Generators/Checkers With Bus-Driver Parity I/O Ports 14-SOIC 0 to 70 2 MB56K × 8,芯片擦除闪 2 Mb 256K x 8/ Chip Erase FLASH MEMORY 2 Mb 256K x 8, Chip Erase FLASH MEMORY 2 MB256K × 8,芯片擦除闪 8-Input Positive-NAND Gates 14-SOIC 0 to 70 2 MB256K × 8,芯片擦除闪
|
意法半导 STMicroelectronics N.V.
|
SSTUA32866EC SSTUA32866EC-G SSTUA32866 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
PHILIPS[Philips Semiconductors]
|
MC100E155FN MC100E155FNR2 MC10E155FN MC10E155FNR2 |
5V ECL 6−Bit 2:1 Mux−Latch 10E SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PQCC28 5V ECL 6−Bit 2:1 Mux−Latch
|
ONSEMI[ON Semiconductor]
|
SSTUH32866EC_G SSTUH32866 SSTUH32866EC SSTUH32866E |
1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2 RDIMM applications
|
Philips NXP Semiconductors N.V.
|
M74HC4094TTR M74HC4094 M74HC4094B1R M74HC4094M1R M |
8 BIT SIPO SHIFT LATCH REGISTER (3-STATE) 8 BIT SIPO SHIFT LATCH REGISTER (3-STATE) 12-Bit DAC Parallel Voltage Out Pgrmable Int Ref Settling Time, Pwr Consumption, 8-bit uC Comp Int 20-SOIC -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
HCF4724 HCF4724BM1 |
4000/14000/40000 SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PDSO16 8 BIT ADDRESSABLE LATCH
|
STMicroelectronics
|
74LV259 74LV259BQ 74LV259D 74LV259DB 74LV259N 74LV |
8-bit adressable latch 8-bit addressable latch
|
NXP Semiconductors
|