PART |
Description |
Maker |
ADG819BRMZ ADG819BRM-R2 ADG820BRT |
0.5 O CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switch with BBM Switching Action 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO8 0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADG619BRTZ-500RL7 ADG620BRMZ-REEL7 ADG620BRM-REEL |
CMOS, ±5 V/ 5 V, 4 O, Single SPDT Switch (Break-Before-Make Switching Action); Package: SOT-23; No of Pins: 8; Temperature Range: Industrial 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO8 CMOS, ±5 V/ 5 V, 4 O, Single SPDT Switch (Make-Before-Break Action); Package: MSOP; No of Pins: 8; Temperature Range: Industrial 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO8 CMOS, ±5 V/ 5 V, 4 Ω, Single SPDT Switches
|
Analog Devices, Inc.
|
BXA30-48S3V3/8-F BXA30-48S3V3-1 BXA30-12S05-F BXA3 |
Low on resistance quad, SPDT, wide-bandwidth video switch Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer 14 bit dual supply bus transceiver level translator, a side series resistor, 2 bit I²C lines Low voltage 0.5O max quad SPDT switch with break before make feature Low voltage 0.5 O max quad SPDT switch with break-before-make feature Low voltage 0.5O max dual SPDT switch with break before make feature Low voltage 4 O SPDT switch Low voltage 0.5 O max dual SPDT switch with break-before-make Low voltage high bandwidth Quad SPDT switch DC至DC转换 Low Voltage 0.5 Ohm Max, quad SPDT switch with break-before-make feature DC至DC转换 DC to DC Converter DC至DC转换 Low voltage high bandwidth dual SPDT switch DC至DC转换
|
Jiangsu Changjiang Electronics Technology Co., Ltd.
|
SW10-0313 |
DC-3 GHz, matched GaAs SPDT reflective switch Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input Matched GaAs SPDT Switch / DC - 3 GHz with TTL/CMOS Control Input
|
MA-Com Tyco Electronics
|
MAX333 MAX333CPP MAX333CWP MAX333EPP MAX333EWP MAX |
Quad SPDT CMOS Analog Switch
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ICE3AR2280VJZ |
General purpose RF CMOS power SPDT Switch
|
Infineon Technologies AG
|
AWS5518 AWS5518S14 |
The AWS5518 is a Single Pole Double Throw (SPDT) GaAs MMIC switch assembled in a SOT-26 plastic package. Switches GaAs IC SPDT Reflective Switch DC-2.0 GHz
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
XCWB2269 CWB2269 CWB2269CP CWB2269CY |
CMOS/DMOS Wideband Dual SPDT Analog Switch
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
5962R9581303TEC 5962R9581303TYC HS1-390RH-T HS-390 |
Radiation Hardened CMOS Dual SPDT Analog Switch
|
Intersil Corporation
|
UPD5902T7K-E2 UPD5902T7K-E2-A |
CMOS Integrated Circuits High Power SPDT Switch
|
Renesas Electronics Corporation
|
ADG884BCPZ-REEL ADG884BCPZ-REEL7 ADG884BRMZ ADG884 |
0.5 Ω CMOS Dual 2:1 MUX/SPDT Audio Switch
|
Analog Devices
|