PART |
Description |
Maker |
SP8480KS SP8480 SP8480AP SP8480AS SP8480BP SP8480B |
From old datasheet system Monolithic, 12-Bit Data Acquisition System
|
SIPEX[Sipex Corporation]
|
AD848JR |
18V; 1.1W; high speed, low powered monolithic Op Amp. For cable drivers, 8 and 10-bit data acquisition systems, video and R amplification, signal generators
|
Analog Devices
|
5962-9306001MXA 5962-9306002MYA AD872ASE/883B AD87 |
Complete 12-Bit 10 MSPS Monolithic A/D Converter 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, CDIP28 Complete 12-Bit 10 MSPS Monolithic A/D Converter 完整210 MSPS的单片A / D转换
|
TE Connectivity, Ltd. Analog Devices, Inc.
|
MN7150-8 MN7150-8H MN7150-8HB MN7150-8HBCH MN7150- |
8-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, CQMA62 8-channel 12-bit data acquisition system 16-channel 12-bit data acquisition system
|
Integrated Circuit Systems
|
HI-878306 |
ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
|
Holt Integrated Circuits
|
ITA10C1 ITA18C1 ITA6V5C1 5864 ITA25C1 |
From old datasheet system MONOLITHIC TRANSIL[ ARRAY FOR DATA LINE PROTECTION MONOLITHICTRANSIL ARRAY FOR DATA LINE PROTECTION
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MF34M1-LZCATXX MF3257-LZCATXX MF3513-LZCATXX MF312 |
512Kb, 8/16-bit data bus static RAM card 128Kb, 8/16-bit data bus static RAM card STATIC RAM CARDS 8/16-bit Data Bus Static RAM Card 16位产品数据总线静态存储器 256Kb, 8/16-bit data bus static RAM card
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
MAX181CC/D MAX180CC/D MAX180CCQH MAX180-MAX181 MAX |
Complete, 8-Channel, 12-Bit Data-Acquisition Systems 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP40 Complete / 8-Channel / 12-Bit Data-Acquisition Systems
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
STM8L152R6 STM8L152M8T6 STM8L152C8 STM8L152C8T6 ST |
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM 8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators 8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM
|
STMicroelectronics
|
RM5261-266-Q RM5261-200-QI RM5261-250-Q RM5261-200 |
RM5261?/font> Microprocessor with 64-Bit System Bus Data Sheet Released RM5261?/a> Microprocessor with 64-Bit System Bus Data Sheet Released RM5261??Microprocessor with 64-Bit System Bus Data Sheet Released RM5261Microprocessor with 64-Bit System Bus Data Sheet Released 64-BIT, 200 MHz, MICROPROCESSOR, PQFP208 RM5261Microprocessor with 64-Bit System Bus Data Sheet Released 64-BIT, 266 MHz, MICROPROCESSOR, PQFP208 RM5261 Microprocessor with 64-Bit System Bus Data Sheet Released
|
PMC-SIERRA INC PMC-Sierra, Inc. PMC-Sierra Inc
|