PART |
Description |
Maker |
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
SABC515C-LM SAFC515C-LM SABC515C-8EM SABC515C-8RM |
8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (10MHz)
|
Infineon
|
PIC12F629 PIC12F629EMF PIC12F629EP PIC12F629ESN PI |
8-Pin FLASH-Based 8-Bit CMOS Microcontrollers 8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,8PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
PIC16F747-I/ML PIC16F747-I/P PIC16F747-I/PT PIC16F |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 word instructions) CMOS FLASH-based 8-bit microcontroller ... 28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
Microchip
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
PIC16F767 PIC16F767-I_P PIC16F7X7 |
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
MICROCHIP[Microchip Technology]
|
SAFC515C-8 |
8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (10MHz)
|
INFINEON
|
PIC17C762T-16/CL PIC17C762T-16/L PIC17C762T-16I/CL |
High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
|
Microchip
|
PIC16LC773-20I/P PIC16C773-20I/PT PIC16C773-20I/JW |
28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D 28/40-Pin位CMOS微控制器瓦特/ 12位A / D转换 FUSE MGA 125V 500MA
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
SAB83C166-5M-T3 SAB80C166-M-T4 SAB80C166-M-T3 SAB8 |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (20MHz)
|
Infineon
|
SAB83C166W-5M-T3 SAB83C166W-5M-T4 SAB83C166W-M-T3 |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (20MHz)
|
Infineon
|