PART |
Description |
Maker |
5962-80013 MSK0032B MSK0032 |
HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
|
MSK[M.S. Kennedy Corporation]
|
AD381SH AD381SH_883B AD381 AD382 AD380SH_883B AD38 |
(AD380 / AD382) High Speed / Low Drift FET Operational Amplifier 8-Channel 14-Bit Single-Supply Voltage-Output DAC; Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial High Speed, Low Drift FET Operational Amplifier OP-AMP, 1000 uV OFFSET-MAX, BCY12
|
AD[Analog Devices] Analog Devices, Inc.
|
IXD1701 |
28 V Input High Speed Voltage Regulator
|
Zilog, Inc.
|
M29W008AT90N1T M29W008AB M29W008AB90N5T M29W008AT1 |
JFET-Input High Speed Dual Operational Amplifier 20-LCCC -55 to 125 Quad High-Speed JFET-Input Operational Amplifier 14-PDIP 8兆8,启动块低压单电源闪 JFET-Input High Speed Dual Operational Amplifier 8-CDIP -55 to 125 8兆8,启动块低压单电源闪 8 Mbit 1Mb x8 / Boot Block Low Voltage Single Supply Flash Memory 8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
|
STMicroelectronics N.V. ST Microelectronics http://
|
SC4624EVB-MLPQ SC4624EVB-SO |
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator 低输入电压,高效率及4A集成FET的同步降压直直流稳压
|
Semtech, Corp.
|
AM91L50-20LC AM91L50-20LCB AM91L50-25DC AM91L50-25 |
1024 x 4 High-Speed Static R/W RAM Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .100 W External Plug-In Power Supply; Series:FW18; Output Voltage:18V; Output Power Max:18W; Output Current:1A; No. of Outputs:1; Input Current:1.00A; Leaded Process Compatible:Yes; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC RoHS Compliant: Yes External Plug-In Power Supply; Series:FW18; Output Voltage:12V; Output Power Max:18W; Output Current:1.5A; No. of Outputs:1; Input Current:1.50A; Leaded Process Compatible:Yes; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC RoHS Compliant: Yes External Plug-In Power Supply; Series:FW18; Output Voltage:18V; Output Power Max:18W; Output Current:1A; No. of Outputs:1; Input Current:1.00A; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC; Supply Voltage Min:100VAC RoHS Compliant: Yes External Plug-In Power Supply; Series:FW18; Output Voltage:24V; Output Power Max:18W; Output Current:0.75A; No. of Outputs:1; Input Current:0.75A; Size:85x 33 x 50 mm; Supply Voltage Max:240VAC; Supply Voltage Min:100VAC RoHS Compliant: Yes 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 45 ns, CDIP24 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 45 ns, CQCC28 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 35 ns, CDIP24 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 35 ns, CQCC28 1024x4 High-Speed Static R/W RAM 1024x4高速静电读/写内 1024x4 High-Speed Static R/W RAM 1K X 4 STANDARD SRAM, 25 ns, CDIP24
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
IDT70914S25PI IDT70914S25PB IDT70914S25P 70914_DS_ |
Low-Noise JFET-Input Operational Amplifier 14-PDIP 0 to 70 高6KK的9)同步双端口RAM High Speed Low-Noise JFET-Input Quad Operational Amplifier 14-CFP -55 to 125 4K X 9 DUAL-PORT SRAM, 25 ns, PQCC68 High Speed Low-Noise JFET-Input Quad Operational Amplifier 14-CDIP -55 to 125 4K X 9 MULTI-PORT SRAM, 25 ns, PQCC68 High Speed Low-Noise JFET-Input Quad Operational Amplifier 20-LCCC -55 to 125 HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM From old datasheet system
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
BU426 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 20 Watts HIGH VOLTAGE POWER SWITCH
|
意法半导 ST Microelectronics STMicroelectronics
|
74ALVC86 74ALVC86MTC 74ALVC86M 74ALVC86MTCX |
Quad 2-input Exclusive OR (XOR) Gate 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors From old datasheet system Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BY268 BY269 |
RP40 (GW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 4:1 Wide Input Voltage Range; 40 Watts 0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER
|
Diodes Inc. DIODES[Diodes Incorporated]
|
M29F040 M295V040-120N6R M295V040-120XK6R M295V040- |
Excalibur Low-Noise High-Speed JFET-Input Dual Operational Amplifier 8-SOIC JFET-Input Low Power High Drive Quad Operational Amplifier 14-CFP -55 to 125 JFET-Input Low Power High Drive Quad Operational Amplifier 14-SOIC 4兆位512KB的8,统一座单电源闪存 JFET-Input High Speed Low Noise Single Operational Amplifier 8-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:302.4W; Output Current:6.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:302.4W; Output Current:8.4A; Number of Outputs:1; Leaded Process Compatible:No; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A 4兆位512KB的8,统一座单电源闪存 Excalibur Low-Noise High-Speed JFET-Input Operational Amplifier 8-SOIC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:15W; Output Current:1.25A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC 4兆位512KB的8,统一座单电源闪存 JFET-Input Low Power High Drive Quad Operational Amplifier 14-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:300W; Output Current:12.5A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:206.4W; Output Current:4.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC PSU, OPEN FRAME, 150W, 12V; Voltage, output:12V; Current, output:12.5A; Power rating:150W; Voltage, supply min:85V; Voltage, supply max:265V; Length / Height, external:40mm; Width, external:75mm; Depth, external:222mm; Frequency, RoHS Compliant: Yes Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:201.6W; Output Current:8.4A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC POWER SUPPLY, 150 WATTS Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:201.6W; Output Current:5.6A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC JFET-Input Low Power High Drive Quad Operational Amplifier 20-LCCC -55 to 125 4 Mbit 512Kb x8 / Uniform Block Single Supply Flash Memory
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|