PART |
Description |
Maker |
TA8429H TA8429 E003810 TA8429HQ |
3.0A FULL VRIDGE DRIVER 3.0A的驱动全VRIDGE From old datasheet system TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reve
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
HIP4081A04 HIP4081AIPZ HIP4081A HIP4081AIB HIP4081 |
80V/2.5A Peak, High Frequency Full Bridge FET Driver 2.6 A FULL BRDG BASED MOSFET DRIVER, PDSO20 80V/2.5A Peak, High Frequency Full Bridge FET Driver with Charge Pump and Independent Control Inputs; Temperature Range: -40°C to 85°C; Package: 20-SOIC T&R 2.6 A FULL BRDG BASED MOSFET DRIVER, PDSO20
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
SL2017 SL2017KG SL2017MP1S SL2017MP1T |
4.75-5.25V; full base satellite tuner. For satellite tuners, commnucations systems Full Band Satellite Tuner(应用在卫星调谐器方面的完全集成混频器)
|
Mitel Semiconductor Mitel Networks Corporation
|
AT71201M DOC5328 AT71201MCRER AT71201MCREN |
Atmels AT71201M is a full-frame sensor based on charge-coupled device (CCD) technology From old datasheet system Square Full Frame CCD of 4096 x 4096 elementary pixels 11 x 11 µm(2) size.
|
ATMEL[ATMEL Corporation]
|
5962F9961701QSC HS9-4080ARH-Q HS9-4080ARH-8 5962F9 |
Radiation Hardened Full Bridge N-Channel FET Driver(抗辐射高频整桥N勾道MOSFET驱动 辐射加固全桥N沟道FET驱动器(抗辐射高频整勾道MOSFET的驱动器 Radiation Hardened Full Bridge N-Channel FET Driver 0.4 A FULL BRDG BASED MOSFET DRIVER, CDFP20 Circular Connector; No. of Contacts:14; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No
|
Intersil, Corp. Intersil Corporation
|
20L6P45 E000421 |
RECTIFIERMODULE(THREEPHASEFULLWAVEBRIDGEAPLICATIONS) THREE PHASE FULL WAVE BRIDGE APPLICATIONS From old datasheet system RECTIFIER MODULE (THREE PHASE FULL WAVE BRIDGE APLICATIONS)
|
ToshibaSemiconductor Toshiba Semiconductor
|
APTGF15H120T3 |
Full Bridge - IGBT Full - Bridge NPT IGBT Power Module
|
Advanced Power Technology
|
SCAJ10FF SCAJ05FF SCAJ15FF |
Superfast Recovery 1-Phase Full Wave Bridge Rectifier(反向电压150V,管壳温5℃时平均整流电流5A超快恢复相全波桥整流 Superfast Recovery 1-Phase Full Wave Bridge Rectifier(反向电压50V,管壳温5℃时平均整流电流5A,超快恢复,1相全波桥整流 SUPERFAST RECOVERY 1 PHASE FULL WAVE BRIDGE RECTIFIERS
|
Semtech Corporation
|
TA8440H TA8440HQ TA8440 TA8440F |
DC MOTOR FULL BRIDGE DRIVER F TYPE: UNDER DEVELOPMENT Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
SI-8050S SI-8150S SI-8000S SI-8090S SI-8120S SI-80 |
3 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, PSFM5 Full-Mold Separate Excitation Switching Type Full-Mold, Separate Excitation Switching Type Full-Mold/ Separate Excitation Switching Type
|
SANKEN[Sanken electric]
|
A3971SLB 3971 |
Dual DMOS Full-Bridge PWM Driver(用于直流电机,步进电机的双DMOS全桥脉宽调制驱动器(工作电压50V,每个桥负载电流容量±2.5A)) DUAL DMOS FULL-BRIDGE DRIVER
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|