PART |
Description |
Maker |
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX19711ETN |
10-Bit, 11Msps, Full-Duplex, Analog Front-End SPECIALTY TELECOM CIRCUIT, QCC56 10-Bit, 11Msps, Full-Duplex Analog Front-End
|
Maxim Integrated Products, Inc.
|
MAX19713ETN |
10-Bit, 45Msps, Full-Duplex Analog Front-End
|
Maxim Integrated Products, Inc.
|
AM79C971 AM79C971KCW AM79C971VCW |
PCnet?FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus IC LOGIC 16211 24-BIT FET BUS SWITCH -40 85C TSSOP-56 35/TUBE PCnetFAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
|
Advanced Micro Devices, Inc.
|
ADM2491EBRWZ ADM2491EBRWZ-REEL7 |
High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver; No of Pins: 16; Temperature Range: Industrial High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
|
ANALOG DEVICES INC
|
SP1490EENTR SP1491EENTR SP1491ECN_TR SP1491ECN SP1 |
Full Duplex RS-485 Transceivers
|
Sipex Corporation
|
QN8026 |
High Performance Full Duplex FM Transceiver
|
Quintic Corporation
|
SP491E SP490E |
Enhanced Full Duplex RS-485 Transceivers
|
Exar Corporation
|
ADN4693EBRZ ADN4693EBRZ-RL7 EVAL-ADN469XEFDEBZ ADN |
3.3 V, 200 Mbps, Half- and Full-Duplex
|
Analog Devices
|
CX20873 |
Full duplex stereo I2S/PCM
|
Conexant Systems, Inc
|