PART |
Description |
Maker |
MC13022A MC13022ADW MC13022AP |
Advanced Medium Voltage AM Stereo Decoder
|
MOTOROLA[Motorola, Inc]
|
STM32F100V4H6B STM32F100V4H6BTR STM32F100V4H7B STM |
Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
|
STMicroelectronics
|
1N5614GP 1N5616GP 1N5618GP 1N5620GP 1N5622GP |
Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 800V Glass Passivated Medium-Switching Junction Rectifiers, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay
|
TS78M05CP TS78M05C TS78M05CZ TS78M00 TS78M24CZ TS7 |
3-Terminal Medium Current Positive Voltage Regulator Analog IC: Voltage Regulators
|
List of Unclassifed Manufacturers ETC[ETC] Taiwan Semiconductor Company, Ltd
|
X80073Q20I X80070 X80070Q20I X80071 X80071Q20I X80 |
Hot Swap Controller with Advanced Fault Protection and Voltage Refulator Output Tantalum Capacitor; Capacitor Type:General Purpose; Voltage Rating:16VDC; Capacitor Dielectric Material:Tantalum; Capacitance:3.3uF; Capacitance Tolerance: /- 10%; ESR:5ohm; Leaded Process Compatible:Yes; Leakage Current:0.5uA RoHS Compliant: Yes Hot Swap Controller with Advanced Fault Protection and Voltage Refulator Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, QCC20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
2N3441 |
Medium Power Silicon NPN Transistor(Low Saturation Voltage and High Voltage Ratings中功率NPN硅晶体管(低饱和电压,高电压转换速率
|
Semelab(Magnatec) SEME-LAB[Seme LAB]
|
L4938E L4938ED L4938EPD 1544 |
From old datasheet system ADVANCED VOLTAGE REGULATOR
|
STMICROELECTRONICS[STMicroelectronics]
|
CDT3050 |
The CDT3050 is a low voltage 3 digits LCD driver for advanced Count Down Timer The CDT3050 is a low voltage 3 digits LCD driver for advanced Count Down Timer
|
List of Unclassifed Manufacturers ETC[ETC]
|
AMS1117-3.3 |
Voltage Regulator - Datasheet Reference Advanced
|
Monolithic Systems Inc
|
MC13028A |
C-QUAM AM STEREO ADVANCED WIDE VOLTAGE IF and DECODER for E.T.R. RADIOS
|
Motorola, Inc.
|
MP60G MP60G-12AP MP60G-5N MP60G-5P MP60G-NH MP60G- |
CONNECTOR ACCESSORY VOLTAGE REGULATOR MODULE FOR INTEL ADVANCED PROCESSORS
|
SEMTECH[Semtech Corporation]
|
2N3501CSM4 |
HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS High Voltage Medium Power NPN Transistor In a Hermetically Sealed Cermic Surface Mount Package For High Reliability Application(高电压、中等功率、高可靠性、NPN晶体管(陶瓷表贴封装
|
SemeLAB SEME-LAB[Seme LAB]
|