PART |
Description |
Maker |
ZL60003TBD ZL60006TED ZL60006_TDD ZL60006_TBD ZL60 |
1310 nm, 1550 nm 622 Mbps PIN with preamplifier. RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps 1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier 1310nm, 1550nm 622Mbps PIN with Preamplifier
|
ZARLINK[Zarlink Semiconductor Inc]
|
M51569FP |
Preamplifier for Optical Pickup
|
Mitsubishi Electric Corporation
|
M61083FP |
PREAMPLIFIER WITH PHOTODETECTOR FOR OPTICAL PICKUP
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
UPC1474HA UPC1475HA |
(UPC1474HA) Remote Control Preamplifier (UPC1475HA) Remote Control Preamplifier
|
NEC
|
HRPG-AD3251F HRPG-AD3253F HRPG-AS16-51C HRPG-AD16- |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Miniature Panel Mount Optical Encoders
|
Agilent Technologies, Inc. AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
LSYT67B-R2S2-1S2T2-26 LSYT67B-R2S2-1-S2T2-26 |
optical indicators more light due to higher optical efficiency
|
OSRAM GmbH
|
OPB991L55Z OPB990T55Z OPTEKTECHNOLOGYINC-OPB991P11 |
3.11 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH LOGIC OUTPUT ROHS COMPLIANT PACKAGE-5 Photologic? Slotted Optical Switch Photologic? Slotted Optical Switch OPB960, OPB970, OPB980, OPB990 Series Choice of logic and output driver circuits Photologic? Slotted Optical Switch
|
List of Unclassifed Manufacturers OPTEK Technologies List of Unclassifed Man...
|
M51545P |
2V Dual Preamplifier whit ALC 3V DUAL PREAMPLIFIER WITH ALC
|
Mitsubishi Electric Semiconductor
|
CLI850 CLI870 CLI860 CLI840 |
100 mA, optical switch OPTICAL SWITCHES
|
Clairex Technologies ETC[ETC] List of Unclassifed Manufacturers
|
27C128 10003K 27LC128-12EL 27LC128-12EP 27LC128-12 |
2.5Gbps, 3V to 5.5V, Wide Dynamic Range Transimpedance Preamplifier x8存储 Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs x8存储 Evaluation Kit for the MAX3766 x8存储 3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers x8存储 622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers x8存储 LED BLUE 430NM 100MCD 3MM 128K的(16K的8)的CMOS存储 128K (16K x 8) CMOS EPROM 128K的(16K的8)的CMOS存储 MAX3812 Evaluation Kit x8存储 Evaluation Kit for the MAX3804 Precision, Low-Voltage, SPST CMOS Analog Switch Evaluation Kit for the MAX3822 LED HI EFF RED DIFF 0805 SMD Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs LED YELLOW DIFF 1206 SMD LED GREEN DIFF 0805 SMD x8 EPROM Evaluation Kit for the MAX3802 Evaluation Kit for the MAX3803 From old datasheet system 128K (16x8)CMOS EPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
M52743 M52743SP M52744SP M52744 |
I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER I 2 C总线控制的三通道视频前置放大 I2C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
|
Mitsubishi Electric, Corp. MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
HEDS-5500 HEDS-5540 HEDS-5505-A14 HEDS5540 HEDM-55 |
HEDL-5561#J06 · Encoder Line Drivers HEDS-5540#A01 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5140#A02 · Two and Three Channel Codewheels HEDS-5505#A04 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5505#B04 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5600#A06 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5500#A01 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5605#B06 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5600#B06 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5120#A01 · Two and Three Channel Codewheels HEDM-5120#B02 · Two and Three Channel Codewheels HEDM-5500#B01 · Quick Assembly Two and Three Channel Optical Encoder HEDS-8910#001 · Alignment Tool For The 3-channel Quick Assembly Encoders HEDS-554X/564X Series Quick Assembly Two and Three Channel Optical Encoders
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|