PART |
Description |
Maker |
MAX1427ETN |
15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
|
MAXIM - Dallas Semiconductor
|
MAX1428 MAX1428ETN |
From old datasheet system 15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
|
MAXIM[Maxim Integrated Products]
|
MAX19586 MAX19586ETN |
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
|
Maxim Integrated Products
|
LTC1747IFW LTC1747CFW LTC1747IFWPBF |
12-Bit, 80Msps Low Noise ADC; Package: SSOP; No of Pins: 48; Temperature Range: -40°C to 85°C
|
LINEAR TECHNOLOGY CORP
|
LTC2299 |
Dual 14-Bit, 80Msps Low Power 3V ADC
|
Linear Technology
|
LTC2249IUHPBF |
14-Bit, 80Msps Low Power 3V ADC; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 85°C 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC32
|
Linear Technology, Corp.
|
MAX1448EHJ MAX1448 |
10-Bit, 80Msps, Single 3.0V, Low-Power ADC with Internal Reference
|
MAXIM[Maxim Integrated Products]
|
LTC2294CUPPBF LINEARTECHNOLOGYCORP-LTC2294IUPTRPBF |
Dual 12-Bit, 80Msps Low Power 3V ADC; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
CDK8307AILP64 CDK8307EILP64 CDK8307BILP64 |
12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS 12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
|
Exar Corporation
|
LTC1742 LTC1742IFW LTC1742CFW LINEARTECHNOLOGYCORP |
1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO48 14-Bit, 65Msps Low Noise ADC
|
LINEAR TECHNOLOGY CORP
|
MAX1208 |
12-Bit, 80Msps, 3.3V ADC
|
Maxim
|