PART |
Description |
Maker |
V802ME03 |
LOW COST - HIG PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
|
ZCOMM[Z-Communications, Inc]
|
IRU3055CQ IRU3055 IRU3055CQTR |
5 Bit Prog 3-Phase SynchBuck CIC 5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
|
IRF[International Rectifier]
|
2SC5585 |
Hig current. Low VCE(sat):VCE(sat) 250mV at IC=200mA/IB=10mA
|
TY Semiconductor Co., Ltd
|
FAN518207 FAN5182QSCXNL FAN5182QSCXNA3E229NL FAN51 |
Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
AM4967GSTR-E1 AM4967RGSTR-E1 AM4967GSTR-G1 AM4967R |
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
|
http:// BCD Semiconductor Manufacturing Limited
|
AM4967GSTR-G1 AM4967RGSTR-G1 AM4967GS-G1 AM4967RGS |
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
|
Diodes Incorporated
|
IDT74ALVCHR162245 IDT74ALVCHR162245PV IDT74ALVCHR1 |
3.3V CMOS 16-Bit Bus Transceiver with 3-State Outputs and Bus-Hold 3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 3.3VCMOS 16位总线收发器具有三态输出和总线状态保 Adjustable Precision Shunt Regulator 6-SC70 0 to 70 ALVC/VCX/A SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
MA03503D |
X-Band Parallel Input 5-Bit Attenuator / 6-Bit Phase Shifter / Buffer Amplifier Die
|
Tyco Electronics
|
MAX114-MAX118 MAX118 MAX118CAI MAX118CPI MAX118EAI |
5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1レA Power-Down 5V 1Msps 4 & 8-Channel 8-Bit ADCs with 1A Power-Down 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1A Power-Down 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1μA Power-Down 6 OUTLETS 15 FT RACK MTG 5V / 1Msps / 4 & 8-Channel / 8-Bit ADCs with 1A Power-Down Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1レA Power-Down 8-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC Vicor, Corp.
|
DCR1595SW50 DCR1596SW DCR1595SW48 DCR1595SW47 DCR1 |
4900V phase control thyristor 5200V phase control thyristor 5100V phase control thyristor 5000V phase control thyristor Phase Control Thyristor 4487 A, 4800 V, SCR Phase Control Thyristor 相位控制晶闸 4700V phase control thyristor
|
DYNEX[Dynex Semiconductor] Dynex Semiconductor, Ltd.
|