PART |
Description |
Maker |
AP70T03GI AP70T03GI-14 |
Fast Switching Performance, Single Drive Requirement
|
Advanced Power Electronics Corp. Advanced Power Electronics ...
|
SI9804DY |
20-V (D-S) Single N-Channel Reduced Qg, Fast Switching MOSFET N-Channel Reduced Qg/ Fast Switching MOSFET
|
VISAY[Vishay Siliconix]
|
UB3010 |
N-Ch 30V Fast Switching MOSFETs N-Ch 30V Fast Switching MOSFETs Advanced high cell density Trench technology
|
Unitpower Technology Limited Unitpower Technology Li...
|
G73MCS-DC9C G73AD-DC12 G73AD-DC12A G73AD-DC12C G73 |
RECT SCHOTTKY 40V 5A POWERMITE3 G73 G73 G73 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.2V-vf 250ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir DO-15 1K/BULK LENS RND YLW W/TPT HLDR
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
BAV21W |
200mW SMD Fast Switch Diode Fast Switching Speed
|
First Components Intern...
|
QRF1210T30 QRC1210T30 QR-1210T30 |
Powerex Fast Recovery Diode Modules are designed for use in applications requiring fast switching
|
Powerex Power Semiconductors Powerex Power Semicondu...
|
SBYG20JG SBYG20DG SBYG20GG |
Fast Recovery Pack: SMA SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE?00 to 600V CURRENT?.5A
|
Gulf Semiconductor
|
RU4JMG |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT:2.0A
|
Gulf Semiconductor
|
RH1JGR |
Fast Recovery Pack: DO-15 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.5A
|
Gulf Semiconductor
|
BYV26EAGP |
Fast Recovery Pack: DO-15 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
|
Gulf Semiconductor
|
TVR10G |
Fast Recovery Pack: DO-41 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
|
Gulf Semiconductor
|