PART |
Description |
Maker |
T323A474J035AS-C T323A474J035AT-C T323A474K035AS-C |
TANTALUM MOLDED DISSIPATION FACTOR: Maximum DF limits are shown in corresponding series part number listings on pages 44-48. See Application Notes Section, page 76 for addi-tional PERFORMANCE CHARACTERISTICS TANTALUM MOLDED / AXIAL ?MIL-PRF-49137/1&5 TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
|
Kemet Corporation
|
TP3C475 TP3C476 TP3D106 TP3D107 TP3D156 TP3D157 TP |
Solid Tantalum Surface Mount Capacitors TANTAMOUNT㈢ Molded Case, High Performance Solid Tantalum Surface Mount Capacitors TANTAMOUNT? Molded Case, High Performance
|
Vishay Siliconix http://
|
KA431LZ KA431A KA431AD KA431AZ KA431Z KA431S KA431 |
Programmable Shunt Regulator Tantalum Molded High Reliability Capacitor; Capacitance: 4.7uF; Voltage: 10V; Case Size: 3.5x2.8 mm; Packaging: Tape & Reel 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDIP8 Tantalum Molded High Reliability Capacitor; Capacitance: 1.5uF; Voltage: 16V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel 可编程并联稳压器
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
T491B686K006AT |
Tantalum, MnO2 Tantalum, T491, 68 uF, 10%, 6.3 V, 3528, SMD, MnO2, Molded, 900 mOhms, Height Max = 2.1mm
|
Kemet Corporation
|
T491B685M016AT |
T491, Tantalum, MnO2 Tantalum, 6.8 uF, 20%, 16 V, 3528, SMD, MnO2, Molded, 2.5 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T491B685K025AT |
Tantalum, MnO2 Tantalum, T491, 6.8 uF, 10%, 25 V, 3528, SMD, MnO2, Molded, 2.8 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T495D226M035ATE200 |
T495, Tantalum, MnO2 Tantalum, 22 uF, 20%, 35 VDC, SMD, MnO2, Molded, Low ESR, 200 mOhms, 7343, Height Max = 3.1mm
|
Kemet Corporation
|
T591B107M004ATE070 |
T591, Tantalum, Polymer Tantalum, 100 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, 70 mOhms, 3528, Height Max = 2.1mm
|
Kemet Corporation
|
T495D107K010ATE100-17 |
Tantalum, MnO2 Tantalum, T495, 100 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low ESR, 100 mOhms, 3.1mm
|
Kemet Corporation
|
|