PART |
Description |
Maker |
FCX688B FCX688BTA |
TRANSISTOR NPN 12V 3000MA SOT-89 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER (SWITCHING) TRANSISTOR
|
Zetex Semiconductor PLC Zetex Semiconductors
|
2SD2403 2SD2403GZ 2SD2403-GX-AZ |
NPN epitaxial type silicon transistor NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-243 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)|43 3 A, 60 V, NPN, Si, POWER TRANSISTOR
|
NEC[NEC] NEC, Corp. NEC Corp.
|
BC550C BC549B BC549B-D BC549C BC550B |
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
Low Noise Transistors NPN Silicon(硅NPN低噪声晶体管) 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Low Noise Transistor NPN Silicon(30V硅NPN低噪声晶体管) 低噪声晶体管NPN硅(30V的硅npn型低噪声晶体管)
|
ON Semiconductor http://
|
2N1080 2N5409 2N2202 2N4350 2N4242 2N3142 2N3141 2 |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-53 TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 5A I(C) | TO-111 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 70V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | NPN | 65V V(BR)CEO | 2A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 65V V(BR)CEO | 2A I(C) | STR-10 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | TO-36 Open-Drain SOT µP Reset Circuit TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 1A I(C) | CAN TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 3A I(C) | TO-53 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 5A I(C) | TO-5 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-210AC 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 60mA的一(c)|1 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 350MA I(C) | TO-5 晶体管|晶体管|叩| 40V的五(巴西)总裁| 350mA的一(c)| TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 10A I(C) | STR-1/4 晶体管|晶体管|叩| 50V五(巴西)总裁| 10A条一(c)|个STR - 1 / 4 Open-Drain SOT µP Reset Circuit
|
Winbond Electronics, Corp.
|
2N2916 2N2914 2N2918 2N2914CECC 2N2918CECC |
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE Dual NPN Planar Transistor in a TO-77 Hermetic Package(双晶体管TO-77陶瓷封装 NPN 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77
|
Seme LAB TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
BFG25AW BFG25AW_X BFG25AW/X BFG25X |
NPN 5 GHz wideband transistors C BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN 5GHz wideband transistor(NPN 5G赫兹 宽带晶体
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MPSA05 MMBTA05 MPSA05RA |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Medium Power Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BC848 BC849 BC846 BC847 BC850 BC848C-MR |
NPN EPITAXIAL SILICON TRANSISTOR NPN Epitaxial Silicon Transistor(NPN硅外延晶体管) 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR TRANSISTOR BC848C MINIREEL 500PCS 晶体管BC848C MINIREEL 500 NPN Epitaxial Silicon Transistor(NPN纭??寤舵?浣??)
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. Diodes, Inc.
|
2N6132 2N6101 2N6491 2N6486 2N6487 2N6489 2N6099 2 |
NPN SILICON TRANSISTOR NPN SILICON TRANSISTOR 15 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB (2N6130 - 2N6134) NPN SILICON TRANSISTOR Leaded Power Transistor General Purpose Leaded Power Transistor Darlington
|
http:// ON Semiconductor Central Semiconductor Corp. Advanced Semiconductor CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
61084-300 61084 61084-001 61084-002 61084-101 6108 |
TV 29C 29#20 PIN PLUG 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR TV 42C 36#22D 6#8(TWINAX) SKT 150 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|