PART |
Description |
Maker |
IRFF9111 IRFF9112 IRFF9113 IRFF9110 |
(IRFF9110 - IRFF9113) P-Channel Power MOSFET
|
International Rectifier
|
2SK3524 |
N-CHANNE SILLCON POWER MOSFET N-CHANNE SILLCON POWER MOSFET - CHANNE SILLCON功率MOSFET
|
Fuji Electric Electronic Theatre Controls, Inc.
|
IRF450 IRF451 IRF452 IRF252 IRF250 IRF251 |
N-CHANNE POWER MOSFETS
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conductor P... New Jersey Semi-Conduct...
|
FCB20N60F12 |
600V N-Channe MOSFET 600V, 20A, 190mΩ
|
Fairchild Semiconductor
|
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
HUF76407D3 HUF76407D3S HUF76407D3ST |
11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 11A,60V, 0.107 Ohm, N-Channe, Logic Level UltraFET Power MOSFET
|
Fairchild Semiconductor
|
NIMD6302R2 |
HDPlus Dual N-Channel Self-Protected Field Effect Transistor with 1:200 Current Sense FET HDPlus Dual N-Channe Self-protected Field Effect Transistors with 1:200 Current Mirror FET
|
ONSEMI[ON Semiconductor]
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
IRFIZ34N-004 IRFIZ46N-002 IRFIZ46N-029 IRFIZ46N-02 |
19 A, 55 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 31 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 13 A, 55 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 28 A, 55 V, 0.024 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 2.1 A, 250 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 21 A, 60 V, 0.042 ohm, N-CHANNE 28 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4.5 A, 100 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. JST Mfg. Co., Ltd. Vishay Intertechnology, Inc. Austin Semiconductor, Inc
|
AT90SC25672R AT90SC25672RT AT90SC320856 AT90SC3208 |
Low-power, High performance 8-bit/16-bit secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out of bounds" detectors, side channe Low-power, high-performance, 8-bit/16-bit secure microcontroller with 32K Byte ROM, 8K Byte FLASH and 56K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 32K Byte FLASH and 32K Byte EEPROM. Low-power, High performance 8-bit/16-bit secure microcontroller with 48K Byte ROM, 2K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Low-power, High Performance 8-bit/16-bit secure microcontroller with 64K Byte ROM, 4K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 8K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 64K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 32K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 96K Byte ROM and 16K Byte EEPROM.
|
Atmel
|
|