PART |
Description |
Maker |
BCM567104 BCM5671 |
4-PORT, 80-Gbps SWITCH FABRIC
|
BOARDCOM[Broadcom Corporation.]
|
A5030A A5030U A5030Z F1251T P0080SAMC P0300ZA P030 |
solid state crowbar devices 25 V, four-port metallic line protector 65 V, four-port longitudinal two-chip protector 58 V, four-port longitudinal two-chip protector 120 V, four-port metallic line protector 90 V, four-port metallic line protector 75 V, four-port metallic line protector 58 V, ethernet/10 base T/100 Base T protector 65 V, four-port metallic line protector 275 V, two-chip microcapacitance sidactor device 100 V, LCAS asymmetrical multiport device 400 V, multiport balanced sidactor device 100 mA, battrax quad negative SLIC protector 160 mA, battrax quad negative SLIC protector 200 mA, battrax quad negative SLIC protector 400 V, balanced three-chip sidactor device 200 mA, battrax dual negative SLIC protector 58 V, multiport SLIC protector 75 V, multiport SLIC protector 100 mA, battrax dual negative SLIC protector 160 mA, battrax dual negative SLIC protector 65 V, multiport SLIC protector 95 V, multiport SLIC protector 550 V, 50 mA, high surge current sidactor device 25 V, four-port longitudinal two-chip protector 90 V, four-port longitudinal two-chip protector 120 V, four-port longitudinal two-chip protector 190 V, four-port longitudinal two-chip protector 275 V, four-port longitudinal two-chip protector
|
Teccor Electronics
|
BCM56700 |
16-PORT, 192-GBPS LOSSLESS SWITCH FABRIC
|
BOARDCOM[Broadcom Corporation.]
|
VSC3204 |
4, 8 and 12 Port 155 Mbps to 4.25 Gbps Crosspoint Switches with CDR
|
Vitesse Semiconductor Corporation.
|
DT105N10LOF-A DT105N16KOF-K DT105N16LOF-A DT105N12 |
160 A, 1000 V, SCR MODULE-5 160 A, 1600 V, SCR MODULE-5 160 A, 1200 V, SCR MODULE-5 160 A, 1400 V, SCR MODULE-5 120 A, 800 V, SCR MODULE-5 75 A, 800 V, SCR 100 A, 1600 V, SCR 160 A, 800 V, SCR 160 A, 600 V, SCR
|
Unisonic Technologies Co., Ltd.
|
LCD160G160B |
CONNECTOR ACCESSORY 连接器附 160 x 160 Dots Graphic LCD
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
CCA044V1 |
160 W 160 W dual BTL class-D audio amplifier demonstration board based on the TDA7498E
|
STMicroelectronics
|
LCC77T491M NS-M491 |
PALM SIZE 160 X 160 COLOR STN - LCC77T491M
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
LCD160G160A |
160 x 160 Dots Graphic LCD
|
Vishay Intertechnology
|
LCD-160G160B08 |
160 x 160 Dots Graphic LCD
|
Vishay Siliconix
|
|