PART |
Description |
Maker |
ADT70 ADT70GR ADT70GN |
Circular Connector; No. of Contacts:5; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:15-5 Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-61 PRTD Conditioning Circuit and Temperature Controller
|
Analog Devices, Inc. AD[Analog Devices]
|
AD22103 AD22103K AD22103KCHIPS AD22103KR AD22103KT |
Voltage Output 3.3 V Temperature Sensor withSignal Conditioning 3.3 V Supply Voltage Output Temperature Sensor with Signal Conditioning 3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning ANALOG TEMP SENSOR-VOLTAGE, 0.95V, RECTANGULAR, SURFACE MOUNT SOIC-8 3.3 V Supply/ Voltage Output Temperature Sensor with Signal Conditioning
|
AD[Analog Devices] Analog Devices, Inc.
|
5B45 5B46-CUSTOM 5B45-01 5B45-02 5B45-03 5B45-04 5 |
Isolated Frequency Input 0 to 250 kHz Input Signal Conditioning Module Isolated, Frequency Input SPECIALTY ANALOG CIRCUIT, XMA
|
AD[Analog Devices] Analog Devices, Inc.
|
AD7714YR AD7714YRU AD7714AN-3 AD7714AN-5 AD7714AR- |
3 V/5 V, CMOS, 500 uA Signal Conditioning ADC 3 V / 5号第五的CMOS00微安ADC的信号调 VARISTOR 300V RMS 14MM RADIAL Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:680Vrms; Voltage Rating DC, Vdc:895VDC; Peak Surge Current (8/20uS), Itm:4500A; Clamping Voltage 8/20us Max :1815V; Capacitance, Cd:140pF; Package/Case:14mm Disc 3 V/5 V/ CMOS/ 500 uA Signal Conditioning ADC
|
http:// Analog Devices, Inc.
|
AD10265AZ AD10265/PCB |
Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning Circular Connector; No. of Contacts:10; Series:LJTPQ00R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:13; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle Dual Channel/ 12-Bit/ 65 MSPS A/D Converter with Analog Input Signal Conditioning
|
Analog Devices, Inc.
|
DC005NDC4 |
Signal Conditioning: Amplified
|
Honeywell Solid State Electronics Center
|
HDMI05-CL02F3 |
EMI Filtering & Signal Conditioning
|
ST Microelectronics
|
UZZ9000 |
Sensor Conditioning Electronic(传感器调节芯
|
Philips Semiconductors
|
ADXL50 |
Monolithic Accelerometer With Signal Conditioning
|
AD
|
B57869S0103140 B57869S0302 B57869S0502_140 B57869S |
Heating and air conditioning systems
|
EPCOS[EPCOS]
|