PART |
Description |
Maker |
AAT3236IGV-2.8-T1 AAT3236IGV-3.5-T1 AAT3236IGV-3.3 |
300mA CMOS High Performance LDO 300mA的LDO稳压器的CMOS高性能
|
Advanced Analog Technology,lnc. Advanced Analog Technology, Inc.
|
HCMS-39X2 HCMS-3902 HCMS-3904 HCMS-3912 HCMS-3914 |
HCMS-3974 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3972 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3964 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3962 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3914 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3912 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3904 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3902 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays 3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
MIC5332-2.8YMT MIC5332-2.85YMT MIC5332-2.5YMT MIC5 |
Micro-Power High Performance Dual 300mA ULDO?/a> Micro-Power High Performance Dual 300mA ULDO⑩
|
Micrel Semiconductor
|
M4-192/96-12VI M4LV-256/128-12AC M4LV-128N/64-10JI |
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC44 EE PLD, 14 ns, PQCC44 PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP44 EE PLD, 14 ns, PBGA256 BGA-256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP100
|
Lattice Semiconductor, Corp.
|
MAX306-MAX307 MAX307 MAX307CPI MAX307CWI MAX307EPI |
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers Precision 16-Channel/Dual 8-Channel High-Performance CMOS Analog Multiplexers Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-19 Precision / 16-Channel/Dual 8-Channel / High-Performance / CMOS Analog Multiplexers Precision.16-Channel/Dual 8-Channel.High-Performance.CMOS Analog Multiplexers 高精度6通道/通道、高性能、CMOS模拟多路复用
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MIC5335-1.8_1.5YMT MIC5335-1.8_1.6YMT MIC5335-2.5_ |
Dual, High Performance 300mA UCap ULDO
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
IDT54FCT827CE IDT74FCT827A IDT54FCT827BL IDT74FCT8 |
SWITCH ROTARY SPDT SIDE 6' 高性能CMOS缓冲 HIGH-PERFORMANCE CMOS BUFFERS 高性能CMOS缓冲 HIGH-PERFORMANCE CMOS BUFFERS FCT SERIES, 10-BIT DRIVER, TRUE OUTPUT, CQCC28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
ATF1516AS-10UC192 ATF1516AS-15UC192 ATF1516ASL-20U |
High performance EE-based CPDL, 70 MHz High performance EE-based CPDL, 100 MHz High Performance EE-Based CPLD EE PLD, 20 ns, PPGA192 High Performance EE-Based CPLD EE PLD, 20 ns, PQFP160 ER 4C 4#8 SKT RECP LINE 320 x 240 pixel format, LED or CFL Backlight OSC 5V SMT 7X5 CMOS PROGRM KVM INTERCONNECT MODULE CABLE
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MIC5331-MNYMT MIC5331-NNYMT MIC5331-PNYMT MIC5331- |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO8 2 X 2 MM, MLF-8 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 2 X 2 MM, MLF-8 Micro-Power High Performance Dual 300mA ULDO?/a> Micro-Power High Performance Dual 300mA ULDO⑩
|
Micrel Semiconductor, Inc.
|
SI9183 SI9183DB SI9183DT-27-T1 SI9183DT-15-T1 SI91 |
High-Performance Size Saving 150-mA CMOS LDO Regulator High-Performance/ Size Saving 150-mA CMOS LDO Regulator Size Saving CMOS LDO regulator
High-Performance, Utility RoHS Compliant: Yes 高性能,尺寸保50毫安的CMOS LDO稳压 High-Performance, Size Saving 150-mA CMOS LDO Regulator 高性能,尺寸保50毫安的CMOS LDO稳压
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
FSP2131 FSP2131C18AD FSP2131C25AD FSP2131C285AD FS |
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
|
FOSLINK SEMICONDUCTOR CO.,LTD
|
TMP8700CH TMP8700CS TMP8700CK TMP8700CP TMPA8700CS |
High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成6K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成0K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成4K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能CMOS 8位微控制器(芯片集成8K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM??AM,8-Bit A/D Converter,Remote Control Singnal Processor(楂??????ц???MOS 8浣?井?у??????????浜?2K瀛??ROM锛?K瀛??浣?AM,8浣?/D杞?????杩???у?淇″?澶?????)
|
Toshiba Corporation
|