PART |
Description |
Maker |
80CPQ150 |
150V 80A Schottky Common Cathode Diode in a TO-247AC package SCHOTTKY RECTIFIER 80 Amp
|
IRF[International Rectifier]
|
80CLQ150SCS |
80A 150V Hi-Rel Schottky Common Cathode Diode in a SMD-1 package
|
International Rectifier
|
SB100-09 |
90V/ 10A Rectifier 90V, 10A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
SANYO[Sanyo Semicon Device]
|
16YQ150C |
16A 150V Hi-Rel Schottky Discrete Diode in a TO-257AA package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 16 Amp, 150V
|
International Rectifier
|
MBRB1045TRL MBRB1045TRR |
45V 10A Schottky Common Cathode Diode in a D2-Pak package
|
International Rectifier
|
SBR100-16JS |
Schottky Barrier Diode (Twin Type ・ Cathode Common) 160V, 10A Rectifier
|
Sanyo Semicon Device
|
SB100-05J |
50V, 10A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
SANYO[Sanyo Semicon Device]
|
2SC2837 |
POWER TRANSISTORS(10A,150V,100W)
|
MOSPEC[Mospec Semiconductor]
|
RFP10P15 |
10A/ -150V/ 0.500 Ohm/ P-Channel Power MOSFET -10A, -150V, 0.500 Ohm, P-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
SB02-15 |
150V, 200mA Rectifier(用于高频整流应用的重复反向电50V,平均整流电00mA 整流 Small signal(single type) Schottky Barrier Diode 150V/ 200mA Rectifier
|
Sanyo Electric Co.,Ltd. Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
200CNQ045 200CNQ040 200CNQ 200CNQ035 |
45V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package 40V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package 35V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package SCHOTTKY RECTIFIER SCHOTTKYRECTIFIER PLT LIGHT LENS 24 VAC/DC RED LED
|
IRF[International Rectifier] InternationalRectifier
|