PART |
Description |
Maker |
FCPF22N60NT FCP22N60N |
N-Channel MOSFET 600V, 22A, 0.165W 600V N-Channel MOSFET, SupreMOS™; 3-TO-220 22 A, 600 V, 0.165 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
STU26NM60 STU26NM60I |
26 A, 600 V, 0.135 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 26A I(D) | TO-220VAR 晶体管| MOSFET的| N沟道| 600V的五(巴西)直|6A条(丁)|20VAR N-CHANNEL 600V 0.125 OHM 26A TO-247/MAX220/MAX220I ZENER-PROTECTED MDMESH POWER MOSFET
|
STMICROELECTRONICS Integrated Device Technology, Inc. SGS Thomson Microelectronics
|
IRFU1N60A IRFR1N60A IRFR1N60ATR IRFR1N60ATRL IRFR1 |
600V Single N-Channel HEXFET Power MOSFET in a D-Pak package 600V Single N-Channel HEXFET Power MOSFET in a I-Pak package SMPS MOSFET Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)
|
IRF[International Rectifier]
|
STS1NK60Z 9448 S1NK60Z |
N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH Power MOSFET N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V 13 OHM 0.25A SO-8 ZENER-PROTECTED SUPERMESH POWER MOSFET From old datasheet system N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH⑩ Power MOSFET N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH?/a> Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
IRFIBC20G IRFIBC20 IRFIBC20GPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V/ Rds(on)=4.4ohm/ Id=1.7A) Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=1.7A)
|
IRF[International Rectifier]
|
STW12NB60 7799 |
12 A, 600 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 CONNECTOR ACCESSORY N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh⑩II MOSFET From old datasheet system N-CHANNEL 600V 0.5 OHM 12A TO-247 POWERMESH MOSFET N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?II MOSFET N-CHANNEL 600V 0.5 OHM 12A TO-247 POWERMESH MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB15NM60N STI15NM60N STP15NM60N STF/I15NM60N STF1 |
N-channel 600V - 0.270ヘ - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh⑩ Power MOSFET N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.270楼? - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh垄芒 Power MOSFET
|
STMicroelectronics
|
STP5NK60Z STP5NK60ZFP STD5NK60ZT4 STD5NK60Z STP5NK |
N-CHANNEL 600V - 1.2 OHM - 5A TO-220/TO-220FP/DPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 600V - 1.2 OHM - 5A TO-220/TO-220FP/DPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?⑿ower MOSFET N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics STMicroelectronics
|
STB4NC60 8256 STB4NC60T4 |
INTEGRATED EC000 MPU N沟道600V 1.8ohm - 4.2A D2PAK封装MOSFET的第二PowerMesh N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh⑩II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|