PART |
Description |
Maker |
MC33025 MC33025DW MC33025P MC34025 MC34025DW MC340 |
From old datasheet system HLGH SPEED DOUBLE-ENDED PWM CONRTOLLER High Speed Double-Ended PWM Controller
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
MC33023DW MC33023P MC34023 MC34023P MC33023 ON1082 |
From old datasheet system HLGH SPEED DOUBLE-ENDED PWM CONRTOLLER High Speed Single-Ended PWM Controller
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor] Motorola, Inc
|
ISL6520BCB-T ISL6520BCBZ ISL6520BCBZ-T ISL6520BCR |
PWM Controller, 5V Input, VOUT 0.8V Min @ 1.5%, 300kHz, COMP/SD Pin (Shutdown) Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
MC33025-12 |
High Speed Double-Ended PWM Controller
|
ON Semiconductor
|
FAN4800 FAN4800IN FAN4800ING FAN480010 FAN4800I FA |
Power Factor Correction (PFC) and PWM Controller Combo 1 A POWER FACTOR CONTROLLER WITH POST REGULATOR, 250 kHz SWITCHING FREQ-MAX, PDIP16 Low Startup Current PFC/PWM Controller Combinations
|
FAIRCHILD SEMICONDUCTOR CORP
|
SC1404ISSTR SC1404 SC1404ITSTR |
Current Mode PWM Controller, Mobile Multi-Output PWM Controller With Virtual Current Sense, Tape and Reel
|
http:// SEMTECH[Semtech Corporation]
|
TC120 TC120303EHA TC120333EHA TC120503EHA TC120503 |
TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more cells, or in line-powered applications. It uses PWM as the primary modulation scheme, but automatically conver TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more ... PWM/PFM Step-Down Combination Regulator/Controller PWM / PFM切换降压组合稳压控制
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
ISL6740AIVZA-T ISL6740A ISL6740AIVZA |
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward 1 A SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PDSO16 JT 5C 5#20 PIN PLUG 1 A SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PDSO16
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
ISL6554CB ISL6554CB-T ISL6554CBZ ISL6554CBZA ISL65 |
PWM Controller with Wide Input Range 8-PDIP 微处理器核心电压调节器的多相降压PWM控制没有可编程德鲁普 Microprocessor CORE Voltage Regulator Using Multi-Phase Buck PWM Control Without Programmable Droop SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO20
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL6556B ISL6556BCR |
PWM Controller, 2-4 Phase, 6-Bit VID, ?.5% Reg Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
|
INTERSIL[Intersil Corporation]
|
HIP6303 HIP6303CB HIP6303CB-T HIP6303EVAL1 |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2-4 Phase Sync Buck, 4-Bit VID DAC, 1.30V to 2.05V in 50mV Steps, % Reg, AMD Athlon Compatible
|
INTERSIL[Intersil Corporation]
|