PART |
Description |
Maker |
RP60-483.3SE RP60-1205DE RP60-1205SE RP60-1212DE R |
60 Watt Single, Dual & Positive Dual Output D-Subminiature Connector; Gender:Male; No. of Contacts:51; Contact Termination:Solder; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Jackpost; Peak Reflow Compatible (260 C):No RoHS Compliant: No 60 Watt Single, Dual & Positive Dual Output
|
RECOM Power Inc. RECOM[Recom International Power]
|
RX-2405S RY-2424S RX-0505D RX-0505S RX-0509D RX-05 |
1 Watt SIP7 & DIP14 Single & Dual Output 1瓦特SIP7 4P5W 100A 347/600V PIN&SLEEVE PLUG RoHS Compliant: Yes 1 WATT SIP7 & DIP14 SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH http:// RECOM Power Inc. RECOM[Recom International Power]
|
RP30-483.3SEW RP30-2405SEW RP30-241.5SEW RP30-241. |
30 Watt Single & Dual Output 30瓦单 30 Watt Single & Dual Output
|
RECOM Power Inc. RECOM Electronic GmbH RECOM[Recom International Power]
|
RP15-4815SEW RP15-2405DEW RP15-2405SEW RP15-2412DE |
15 Watt Single & Dual Output 15瓦单 15 Watt Single & Dual Output
|
RECOM Electronic GmbH RECOM[Recom International Power]
|
REC40-2405SRWBH REC40-1205SRWB REC40-1205SRWBH REC |
40 Watt 2??x 2??Single, Dual & Triple Output 40 Watt 2x 2Single, Dual & Triple Output 402“2”单,双 40 Watt 2x 2Single, Dual & Triple Output 40“2”单,双 40 Watt 2x 2Single, Dual & Triple Output 40 Watt 2” x 2” Single, Dual & Triple Output 40 Watt 2?x 2?Single, Dual & Triple Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP75-482.5S RP75-483.3S RP75-481.8S RP75-4805S RP7 |
75 Watt Isolated Single & Dual Output 75 Watt Isolated Single & Dual Output 75瓦特的隔离单 75 Watt Isolated Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RQD-1.805 RQS RQS-93.3 RQD-1.809 RQD-1.81.8 RQD-1. |
0.25 Watt SMD Single & Dual Output N-Channel Small Signal MOSFETs (20V
800V); Package: PG-SOT23-3; Package: SOT-23; VDS (max): 55.0 V; RDS (on) (max) (@10V): 650.0 mOhm; RDS (on) (max) (@4.5V): 825.0 mOhm; RDS (on) (max) (@2.5V): -; 0.25 Watt SMD Single & Dual Output 0.25瓦特贴片 CAP Tantalum-Wet Miniature 6V 22.0 uF /-20% Silver can Axial , TPC - Hilton 0.25瓦特贴片
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
RP10-4815SEW RP10-2405DEW RP10-2405SEW RP10-2412DE |
10 Watt 2inch x 1inch Package Single & Dual Output 10瓦特2寸x 1inch包单 10 Watt 2inch x 1inch Package Single & Dual Output
|
RECOM Electronic GmbH RECOM[Recom International Power]
|
RP40-483.3SGWN RP40-2405SGW RP40-2405SGWN RP40-241 |
40 Watt 2?x 2?Single & Dual Output 40 Watt 2隆卤 x 2隆卤 Single & Dual Output 40 Watt 2” x 2” Single & Dual Output
|
RECOM[Recom International Power]
|
MHP10-48S05 MHP10-24S3V3 MHP10-12S3V3 |
Single and dual output 10 Watt Wide input DC/DC converters 单和双输10瓦特宽输入DC / DC转换 Single and dual output 10 Watt Wide input DC/DC converters 单和双输0瓦特宽输入DC / DC转换
|
ITT, Corp.
|