PART |
Description |
Maker |
NB4N840M07 NB4N840MMNR4G NB4N840M NB4N840MMNG |
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
|
ONSEMI[ON Semiconductor]
|
LTC1458L LTC1458 LTC1458CG LTC1458CSW 14588LF LTC1 |
Dual General Purpose LinCMOS(TM) Differential Comparator 8-TSSOP 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-SOIC 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-PDIP 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-SO 0 to 70 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 14-CDIP -55 to 125 Quad 12-Bit Rail-to-Rail Micropower DACs From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
LTC6421IUDC-20PBF LTC6421IUDC-20TRPBF LTC6421IUDC- |
Dual Matched 1.3GHz Differential Ampliers/ADC Drivers; Package: DFN; No of Pins: 20; Temperature Range: -40°C to 85°C DUAL OP-AMP, 2000 uV OFFSET-MAX, PQCC20 Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
|
Linear Technology, Corp. Linear Integrated Systems
|
TS2GJFV90P |
2GB USB2.0 JetFlash㈢ V90P 2GB USB2.0 JetFlash V90P
|
ETC Transcend Information. Inc.
|
PO100HSTL50A PO100HSTL50ASR PO100HSTL50ASU |
Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator Dual LVTTL/LVCMOS to Differential HSTL Translator
|
Potato Semiconductor Corporation
|
MAX5222 MAX5222EKA-T |
Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-VQFN -40 to 85 Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
HPFC-5400 HPFC-5400D |
HPFC-5400D · Tachyon DX2, 2Gb/s Dual Channel Fibre Channel Controller IC Tachyon DX2 Dual Channel Fibre Channel IC
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) http://
|
MC100ELT22DR2 MC100ELT22D MC100ELT22DTR2 MC10ELT22 |
5V Dual TTL to Differential PECL Translator 5VDual TTL to Differential PECL Translator 5VDual TTL to Differential PECL Translator
|
ONSEMI[ON Semiconductor]
|
SY10EL5105 SY10EL51ZG SY10EL51ZGTR SY10EL51ZI SY10 |
DIFFERENTIAL DIFFERENTIAL DIFFERENTIAL CLOCK D FLIP-FLOP
|
MICREL[Micrel Semiconductor]
|