PART |
Description |
Maker |
MJF31C MJF32C MJF31C-D |
Complementary Silicon Plastic Power Transistors for Isolated Package Applications 3.0 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 28 WATTS
|
ONSEMI[ON Semiconductor]
|
MJB42CT4 MJB41C MJB41CT4 MJB42C MJB41C-D |
Complementary Silicon Plastic Power Transistors D2PAK for Surface Mount Complementary Silicon Plastic Power Transistors 6 A, 100 V, PNP, Si, POWER TRANSISTOR Complementary Silicon Plastic Power Transistors 6 A, 100 V, NPN, Si, POWER TRANSISTOR
|
http:// ONSEMI[ON Semiconductor]
|
MJE15032 MJE15033 ON2013 |
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS From old datasheet system
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
MJL21196 MJL21195 ON2056 |
STARTER KIT, EASY 500; Output type:Relay; Temp, op. max:55(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes COMPLEMENTARY SILICON POWER TRANSISTORS 16 AMPERE COMPLEMENTARY SILICON POWER From old datasheet system
|
ONSEMI[ON Semiconductor]
|
2N6488 2N6487 2N6490 5237 |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
2N6040 2N6045 2N6044 2N6041 2N6042 2N6043 2N6040-D |
COMPLEMENTARY SILICON POWER TRANSISTORS Plastic Medium-Power Complementary Silicon Transistors
|
http:// Central Semiconductor Corp ONSEMI[ON Semiconductor]
|
MJ4032 MJ4035 4161 |
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS From old datasheet system COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MJ14001 MJ14003 MJ14002 ON1978 |
60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS 60 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-204AE 60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS 60 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-204AE From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJ403203 MJ80203 MJ4035 MJ4032 |
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS SILICON NPN POWER TRANSISTOR
|
STMICROELECTRONICS[STMicroelectronics]
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
2N604006 2N6042G 2N6040G 2N6043G 2N6045G 2N6040 2N |
Plastic Medium−Power Complementary Silicon Transistors Plastic Medium?Power Complementary Silicon Transistors
|
http:// ONSEMI[ON Semiconductor]
|