PART |
Description |
Maker |
MC9S08AW60CFUE S9S08AW16 S9S08AW60 MC9S08AW60CPUE |
8-Bit HCS08 Central Processor Unit (CPU) Microcontrollers MC9S08AW60 Features Microcontrollers
|
Freescale Semiconductor, In... Freescale Semiconductor, Inc Freescale Semiconductor...
|
MC68HC908AP64 MC68HC908AP32CB |
8 bit Microcontroller Unit (MCU)(8位MCU) Microcontrollers 8-BIT, FLASH, 8 MHz, MICROCONTROLLER, PDIP42 Microcontrollers 微控制器
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
S9S12XS256J0CAL MC9S12XS64 |
Microcontrollers HCS12 Microcontrollers
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
SAF-XC164CS-16F20FAD SAF-XC164CS-16F40FAD SAF-XC16 |
16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..85C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..125C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 40MHz New enhanced 16 Bit C166S V2 Architecture
|
Infineon
|
SAK-TC1765T-L40EB SAK-TC1765N-L40EB |
32-Bit Microcontrollers - incl. OCDS 2 trace port 32-Bit Microcontrollers - OCDS Level 1
|
Infineon
|
MB95136MBPF MB95136MBPFV MB95136MB MB95F134NBSPFV |
8-BIT SINGLE CHIP MICROCONTROLLERS 8-bit Microcontrollers
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
HCS12 |
HCS12 Microcontrollers HCS12 Microcontrollers
|
Freescale Semiconductor, Inc
|
PD78F4225GC PD78F4225GK PD78215GF PD78215GC |
16 Bit General-Purpose Microcontrollers(16通用微控制器) 16 Bit General-Purpose Microcontrollers(16位通用微控制器) 16位通用微控制器16位通用微控制器
|
NEC Corp. NEC, Corp.
|
MCP1623T-I_CHY MCP1624-I_CHY MCP162310 MCP1624T-I_ |
Low-Voltage Input Boost Regulator for PIC? Microcontrollers Low-Voltage Input Boost Regulator for PIC庐 Microcontrollers Low-Voltage Input Boost Regulator for PIC垄莽 Microcontrollers
|
Microchip Technology Inc.
|
MCP1624-I_CH MCP1623T-I_CH MCP1624T-I_CH MCP1624T- |
Low-Voltage Input Boost Regulator for PIC? Microcontrollers Low-Voltage Input Boost Regulator for PIC庐 Microcontrollers Low-Voltage Input Boost Regulator for PIC垄莽 Microcontrollers
|
Microchip Technology
|
|