PART |
Description |
Maker |
MC74HCU04ADR2G MC74HCU04ADG |
Hex Unbuffered Inverter High−Performance Silicon−Gate CMOS HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
ON Semiconductor
|
MC74HCU04A ON1535 MC74HCU04ADT MC74HCU04AN MC74HCU |
Hex Unbuffered Inverter 六角缓冲逆变 From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
NC7SPU04P5X NC7SPU04 NC7SPU04L6X |
TinyLogic ULP Unbuffered Inverter HC/UH SERIES, 1-INPUT INVERT GATE, DSO6 TinyLogic ULP Unbuffered Inverter TinyLogic ULP Unbuffered Inverter
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74F04 N74F04D N74F04N I74F04N I74F04D I74F04 I74F0 |
Hex inverter - Description: Hex Inverter ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -1/ 20 mA ; Propagation delay: 3.5 ns; Voltage: 4.5-5.5 V; Package: week 5, 2004 F/FAST SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LS06 HD74LS06 HD74LS06FPSMD HD74LS06PDIP HD74LS0 |
LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 Hex Inverters Buffers/Drivers with Open Collector High-Voltage output HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS LOGIC GATE|HEX INVERTER|LS-TTL|SOP|14PIN|PLASTIC LOGIC GATE|HEX INVERTER|LS-TTL|DIP|14PIN|PLASTIC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
74LCX04M 74LCX04TTR 74LCX04MTR -74LCX04M |
LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS CMOS HEX INVERTER WITH 5V TOLERANT INPUT
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ML74WLAC |
NAND Gate (unbuffered) and Inverter (unbuffered)
|
Minilogic Device Corporation Limited
|
74AHCT04D-T |
Hex inverter - Description: Hex Inverter; TTL Enabled ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: /- 8 mA ; Power dissipation considerations: Low Power ; Propagation delay: 3 ns; Voltage: 4.5-5.5 V
|
NXP SEMICONDUCTORS
|
HCS05DMSR FN3557 HCS05MS HCS05D HCS05HMSR HCS05K H |
Inverter, Hex, Open Drain, Rad-Hard, High-Speed, CMOS, Logic From old datasheet system JFET-N-CHANNEL SWITCH Radiation Hardened Hex Inverter with Open Drain HC/UH SERIES, HEX 1-INPUT INVERT GATE, UUC14 JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-30V; Zero Gate Voltage Drain Current Min, Idss:50mA; Gate-Source Cutoff Voltage Max, Vgs(off):-10V; Current Rating:50mA; Voltage Rating:30V
|
INTERSIL[Intersil Corporation] Intersil, Corp. HARRIS SEMICONDUCTOR
|
IW4502BN IW4502B IW4502BD |
Strobed hex inverter/buffer, high-voltage silicon-gate CMOS Strobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS 选通六角逆变缓冲器高压硅栅CMOS
|
INTEGRAL[Integral Corp.] INTEGRAL JOINT STOCK COMPANY
|