PART |
Description |
Maker |
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AD7228ATQ3 AD7228AUQ AD7228 AD7228A AD7228ABR AD72 |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP24 LC2MOS Octal 8-Bit DAC LC2MOS八进位DAC LC2MOS Octal 8-Bit DAC Mount Packages LC2MOS Octal 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
LC866408 LC866412 LC866416 LC866420 LC866424 SANYO |
Octal D-Type Flip-Flops With Clear 20-SO -40 to 85 Octal D-Type Flip-Flops With Clear 20-SOIC -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-VQFN -40 to 85 8-Bit Single Chip Microcontroller with the UVEPROM
|
http:// Sanyo Electric Co.,Ltd.
|
MC74VHC244-D MC74VHC244DT MC74VHC244DTR2 MC74VHC24 |
Octal Bus Buffer Octal 3-State Driver
|
ON Semiconductor
|
BBT3821-JH BBT3821 |
Octal Multi-Rate LX4/CX4 - XAUI Re-Timer Octal 2.488Gbps to 3.187Gbps/ Lane Retimer SPECIALTY TELECOM CIRCUIT, PBGA192
|
Intersil, Corp.
|
ACTS373D ACTS373DMSR ACTS373HMSR ACTS373K ACTS373K |
Radiation Hardened Octal Transparent Latch/ Three-State From old datasheet system Radiation Hardened Octal Transparent Latch Three-State Radiation Hardened Octal Transparent Latch, Three-State Latch, Transparent, Octal, Tri-State, TTL Inputs, Rad-Hard, Advanced Logic, CMOS
|
INTERSIL[Intersil Corporation]
|
74FR2240 74FR2240SC 74FR2240PC |
Octal Buffer/Line Driver with 25Series Resistors in the Outputs FR/FASTR SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs From old datasheet system Octal Buffer/Line Driver with 25ヘ Series Resistors in the Outputs Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SN74LS373 SN74LS373DW SN74LS374M SN74LS373M SN74LS |
LOW POWER SCHOTTKY Octal Transparent Latch with 3-State Outputs Octal D-Type Flip-Flop with 3-State Output
|
ONSEMI[ON Semiconductor]
|
74HC373 74HCT373 74HCT373D 74HC373D 74HC373PW 74HC |
Octal D-type transparent latch;3-state(D透明锁存器;三态;) 八路D型透明锁存器,3态(透明锁存器,三 Octal D-type transparent latch 3-state Octal D-type transparent latch;
3-state From old datasheet system 74HC/HCT373; Octal D-type transparent latch; 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
IDT74FCT574A IDT54FCT574A IDT74FCT574C IDT74FCT574 |
Octal D Register with 3-State From old datasheet system FAST CMOS OCTAL D REGISTERS (3-STATE)
|
IDT
|
744ALS645A-1D 74ALS645A 74ALS645A-1 74ALS645A-1N 7 |
PWR SUPP DESKTOP 5V 15W Octal transceiver 3-State 5.5 V, octal transceiver
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|