PART |
Description |
Maker |
5962F9863401V9A 5962F9863401VCC 5962F9863401VXC AC |
Radiation Hardened Hex D-Type Flip-Flop with Reset 辐射硬化六角D类触发器触发器的复位 RES 46.4K OHM MTL FILM .60W 1% T AC SERIES, HEX POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, CDFP16 Radiation Hardened Hex D-Type Flip-Flop with Reset AC SERIES, HEX POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, CDIP16
|
Intersil, Corp. Intersil Corporation
|
AS7C31026B AS7C31026B-10JCN AS7C31026B-10JI AS7C31 |
SRAM - 3.3V Fast Asynchronous Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SOIC -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SSOP -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-TSSOP -40 to 85 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SSOP -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 64K X 16 STANDARD SRAM, 15 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SOIC -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
MC14049BCP MC14050BCP MC14050BCPG MC14050BDR2 MC14 |
Hex Buffer 六角缓冲 Hex Buffer 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO16
|
KEMET Corporation ONSEMI[ON Semiconductor]
|
HEF40106 HEF40106B HEF40106BD HEF40106BF HEF40106B |
Hex inverting Schmitt trigger 六反相施密特触发 gates Hex inverting Schmitt trigger HEF40106B; Hex inverting Schmitt trigger Hex inverting Schmitt trigger; Package: SOT108-1 (SO14); Container: Tube HEX 1-INPUT INVERT GATE, PDSO14 Hex inverting Schmitt trigger; Package: SOT108-1 (SO14); Container: Reel Pack, SMD, 13"
|
List of Unclassifed Manufacturers NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
HCC40174B HCC40174BF HCF4017 HCF40174B HCF40174BC1 |
HEX ????. TYPE FLIP.FLOP HEX D . TYPE FLIP.FLOP HEX ”D” ? TYPE FLIP?FLOP HEX ”D” . TYPE FLIP.FLOP HEX ”D . TYPE FLIP.FLOP HEX ”D?/a> . TYPE FLIP.FLOP
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
HD74HC174 HD74HC174FPEL HD74HC174P HD74HC174TELL |
Hex D-type Flip-Flops (with Clear)
|
Renesas Electronics Corporation
|
TC74ACT174F12 |
Hex D-Type Flip Flop with Clear
|
Toshiba Semiconductor
|
TC74VHC174F TC74VHC174FN TC74VHC174FT |
HEX D-TYPE FLIP-FLOP WITH CLEAR
|
TOSHIBA[Toshiba Semiconductor]
|
M74HC174RM13TR M74HC174TTR M74HC174 M74HC174B1R M7 |
HEX D-TYPE FLIP FLOP WITH CLEAR HEX D-TYPE FLIP FLOP WITH CLEAR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
TC74LVX174F07 |
Hex D-Type Flip-Flop with Clear
|
Toshiba Semiconductor
|
74VHC174TTR 74VHC17404 |
HEX D-TYPE FLIP FLOP WITH CLEAR
|
STMicroelectronics
|