PART |
Description |
Maker |
72V85L15PAG 72V81L15PAGI 72V81L20PAGI 72V82L15PAGI |
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
|
Integrated Device Technology
|
MIC-5333N-P02 MIC-5333N-P01 MIC-5333M-P01 MIC-5333 |
AdvancedTCA, Dual Socket CPU Blade with Intel? Xeon? E5 Series Processors, Dual-Dual 40G Fabric Interface and Acceleration Support
|
Advantech Co., Ltd.
|
HIP6019B HIP6019BCB |
Dual PWM Dual Linear, Micro Core/I-O/Clock/GTL, TTL 5-Bit VID DAC, Reg Core %/I-O %/Linear .5% Advanced Dual PWM and Dual Linear Power Control
|
Intersil Corporation
|
NLSV22T244MUTAG |
Dual 2-Bit Dual-Supply Non-Inverting Level Translator LS SERIES, DUAL 1-BIT TRANSCEIVER, TRUE OUTPUT, QCC12
|
ON Semiconductor
|
AD7237AACHIPS AD7247AACHIPS AD7237ATQ AD7237A-15 |
LC MOS Dual 12-Bit DACPORTs Dual 12-Bit Complete DAC with Double Buffered Byte Loading Dual 12-Bit DACPORT with Parallel Load 0.001UF(1000PF) 20% 1KV Y5V RAD DUAL, PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, CDIP24
|
Analog Devices, Inc.
|
MC54-74HC390 MC54HC390J MC74HC390D MC74HC390N MC54 |
Dual 4-Stage Binary Ripple Counter with ±2 and ±5 Sections HC/UH SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP DECADE COUNTER, PDIP16 Dual 4-Stage Binary Ripple Counter with ±2and ±5 Sections Dual 4-Stage Binary Ripple Counter with ÷2 and ÷5 Sections Dual 4-Stage Binary Ripple Counter with 2and 5 Sections DUAL 4-STAGE BLNARY RIPPLE COUNTER WITH *2 AND * 5 SECTIONS From old datasheet system Dual 4-Stage Binary Ripple Counter with and Sections Dual 4-Stage Binary Ripple Counter with 2 and 5 Sections High-Performance Silicon-Gate CMOS Dual 4-Stage Binary Ripple Counter with and Sections
|
Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
A3966SA A3966SLB A3966 3966 |
DUAL FULL-BRIDGE PWM MOTOR DRIVER DIODE SWITCHING DUAL-DUAL SERIES 70V 250mA-Io 200mW 4ns-trr SOT-363 3K/REEL 双全桥PWM电机驱动
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
RP60-483.3SE RP60-1205DE RP60-1205SE RP60-1212DE R |
60 Watt Single, Dual & Positive Dual Output D-Subminiature Connector; Gender:Male; No. of Contacts:51; Contact Termination:Solder; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Jackpost; Peak Reflow Compatible (260 C):No RoHS Compliant: No 60 Watt Single, Dual & Positive Dual Output
|
RECOM Power Inc. RECOM[Recom International Power]
|
HCF4520 9051 HCF4520M013TR HCF4520B HCF4520BEY HCF |
DUAL UP-COUNTERS DUAL UP-COUNTERS From old datasheet system DUAL BINARY UP COUNTER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
NL27WZ14DFT2 NL27WZ14DTT1 NL27WZ14 |
Dual Inverter, Schmitt Dual Schmitt-Trigger Inverter 27WZ SERIES, DUAL 1-INPUT INVERT GATE, PDSO6
|
ONSEMI[ON Semiconductor]
|
TS272MP TS272IN TS272MN TS272MD TS272ID TS272M TS2 |
DUAL OP-AMP, 6500 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDIP8 HIGH PERFORMANCE CMOS DUAL OP-AMPS HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS 高速CMOS双运算放大器
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|