PART |
Description |
Maker |
MC100LVE210 |
3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer(3.3V ECL :4:5 差分输出缓冲 3.3 ECL:4:5扇出缓冲器差分电压(3.3V ECL:4,1:5差分输出缓冲器)
|
ON Semiconductor
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
SP8695A SP8695B |
LOW POWER ECL COUNTER WITH BOTH ECL 10K AND TTL COMPATIBLE OUTPUTS
|
List of Unclassifed Manufacturers ETC
|
MC10E165206 MC10E1652L MC10E1652 MC10E1652FN MC10E |
5V, −5V ECL Dual ECL Output Comparator with Latch
|
ONSEMI[ON Semiconductor]
|
AZ10E142FN |
ECL/PECL 9-bit Shift Register ECL / PECL位移位寄存器
|
Arizona Microtek, Inc.
|
MC10H601FN MC10H601FNG MC10H601FNR2 MC10H601FNR2G |
9-Bit ECL-TTL Translator; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 9−Bit ECL to TTL Translator
|
ONSEMI[ON Semiconductor]
|
MAX9427 MAX9424 MAX9425 MAX9426 MAX9424EGJ MAX9424 |
Lowest Jitter Quad PECL-to-ECL Differential Translators QUAD PECL TO ECL TRANSLATOR, COMPLEMENTARY OUTPUT, CQCC32
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MC100H602 MC100H602FN MC10H602 MC10H602FN ON0790 |
9-Bit Latch TTL/ECL Translator TTL TO ECL TRANSLATOR, TRUE OUTPUT, PQCC28 From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc ONSEMI[ON Semiconductor]
|