PART |
Description |
Maker |
MC100EP35DR2 MC100EP33D NB100LVEP17MN |
3.3V / 5V ECL JK Flip Flop 3.3V / 5V ECL ÷4 Divider 2.5 V / 3.3 V ECL Quad Differential Driver/Receiver
|
ON Semiconductor
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
AZ100LVEL33NG AZ10/100LVEL33L |
ECL/PECL ±4 Divider ECL / PECL的4分频
|
Arizona Microtek, Inc.
|
SP8685A SP8685B |
500MHz ÷ 10/11 ECL Variable Modulus Divider Logic IC - Datasheet Reference From old datasheet system 500MHz ± 10/11 ECL Variable Modulus Divider
|
List of Unclassifed Manufacturers Plessey Semiconductors ETC
|
AZ10EL32 AZ100EL32 AZ10EL32T AZ100EL32D AZ100EL32D |
ECL/PECL ÷ 2 Divider ECL/PECL 梅 2 Divider ECL/PECL ± 2 Divider ECL/PECL 卤 2 Divider
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
AZ100EL32T AZ100EL32D AZ100EL32DR1 AZ100EL32DR2 AZ |
4.75 V-5.5 V, ECL/PECL 2 divider
|
Arizona Microtek
|
AZ10LVEL33T AZ10_100LVEL33L AZ100LVEL33 AZ100LVEL3 |
ECL/PECL ÷4 Divider ECL/PECL ±4 Divider
|
AZM[Arizona Microtek, Inc]
|
AZ100LVEL33 |
ECL/PECL / 4 Divider
|
Arizona Microtek
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
NTE7069 |
Integrated Circuit 2 Modulus High Speed Divider w/ECL Output for Phase-Lock Loop (PLL) Synthesized TV Tuner
|
NTE[NTE Electronics]
|
MC100LVE310FN MC100LVE31006 MC100LVE310FNG MC100LV |
3.3V ECL 2:8 Differential Fanout Buffer(3.3V ECL 2 差分输出缓冲 3.3V的差分ECL 2:8扇出缓冲器(3.3 ECL 2:8差分输出缓冲器)
|
ONSEMI[ON Semiconductor]
|
P6SMBJ91CA P6SMBJ.8CA P6SMBJ100A P6SMBJ100CA P6SMB |
3.3V ECL 2-Input Differential AND/NAND; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 5V ECL 1:9 Differential Clock Driver; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL Divide by 4 Divider; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 硅雪崩二极管- 600W表面贴装瞬态电压Supressors Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors 硅雪崩二极管- 600W表面贴装瞬态电压Supressors 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 3.3V ECL Quad Differential Receiver; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 3.3V ECL 1:5 Clock Distribution Chip; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 Power Rectifier; Current Rating:1A; Mounting Type:Through Hole; Package/Case:DO-26 5V ECL 6-Bit 2:1 Mux-Register; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:37; Connector Shell Size:28; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female 3.3V Differential LVPECL to LVTTL Translator; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500
|
Rectron Semiconductor Littelfuse, Inc. LITTELFUSE[Littelfuse] http://
|