PART |
Description |
Maker |
MC100H646 MC100EP445FA MC100E156FNR2 MC100EPT22D M |
PECL/TTL-TTL 1:8 Distribution Chip 3.3V / 5VECL 8-Bit Serial/Parallel Converter 5V ECL 3-Bit 4:1 Mux-Latch 3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V / 5V 2-Input Differential AND/NAND 3.3V / 5V ECL ÷2 Divider 5V ECL Divide by 2, Divide by 4/6 Clock Generation Chip 5V ECL Low Impedance Driver
|
ON Semiconductor
|
MC100EP01 MC10EP445 MC10H172FNR2 MC100EL29 MC100H6 |
3.3V / 5V ECL 4-Input OR/NOR 3.3V / 5VECL 8-Bit Serial/Parallel Converter Dual Binary 1-4-Decoder (High) 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset 9-Bit TTL-ECL Translator Quad TTL-ECL Translator Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 5V ECL Voltage Controlled Oscillator 3.3V ECL D-Type Flip-Flop with Set and Reset Binary to 1-8 Decoder (Low) Differential -5V ECL To TTL Translator -3.3V / -5V Triple ECL Input to PECL Output Translator 5V ECL Dual Differential 2:1 Multiplexer Quad MSTR 5V ECL Quad 4-Input OR/NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset Dual 4-5-Input OR/NOR
|
ON Semiconductor
|
BUS-61570-830K BUS-61571-830K BUS-61571-XXXX BUS-6 |
MIL-STD-1553 Bc-rt-mt Integrated Terminal Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection Small Signal Bias Resistor Transistor, PNP, 50 V 5 V ECL 2 Divider 9-Bit ECL to TTL Translator 2.5 V / 3.3 V ECL 2-Input Differential AND/NAND MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HYer) 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL JK Flip-Flop 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL 2:1 Multiplexer 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer
|
List of Unclassifed Man... Data Device ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|
AZ100EL16VO AZ100EL16VONG |
ECL/PECL Oscillator Gain Stage and Buffer with Enable ECL / PECL的振荡器的增益级和缓冲的启用
|
Arizona Microtek, Inc.
|
SP8665B SP8668B |
The SP8865/8 are asynchronous ECL counters which provide ECL compatible outputs
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
MC10H424 MC10H424FN MC10H424L MC10H424P ON0787 |
From old datasheet system Quad TTL-to-ECL Translator with ECL Strobe
|
ONSEMI[ON Semiconductor] Motorola, Inc
|
AZ10EL07D AZ100EL07D |
ECL/PECL 2-Input XOR/XNOR ECL / PECL输入异或/异或
|
Arizona Microtek, Inc.
|
MC10E165206 MC10E1652L MC10E1652 MC10E1652FN MC10E |
5V, −5V ECL Dual ECL Output Comparator with Latch
|
ONSEMI[ON Semiconductor]
|
100329QC 100329QI 100329PC 100329 100329DC |
Low Power Hex TTL-to-ECL Translator From old datasheet system Low Power Octal ECL/TTL Bidirectional Translator with Register CABLE ASSEMBLY; LEAD-FREE SOLDER; SMA MALE RIGHT ANGLE TO; SMA FEMALE BULKHEAD; 50 OHM, RG196A/U COAX; 36" CABLE LENGTH; TTL TO ECL TRANSCEIVER, TRUE OUTPUT, PDIP24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MC10EL33D MC10EL33DG MC10EL3306 MC100EL33DR2 MC100 |
5V ECL ÷4 Divider(5V ECL ÷4分频 5V ECL ±4 Divider
|
ONSEMI[ON Semiconductor]
|
MC100H602FNG |
9−Bit Latch TTL to ECL Translator TTL TO ECL TRANSLATOR, TRUE OUTPUT, PQCC28
|
ON Semiconductor
|