PART |
Description |
Maker |
MC100EP016 MC100EP445FAR2 MC10H424FN MC100EP016A M |
3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad TTL-ECL Translator 5V ECL 6-Bit 2:1 Mux Latch 4-Wide OR-AND/OR-ANDbar Gate Quad 2-Input AND Gate 3.3V / 5V ECL ÷2 Divider 3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Quad 4-Input OR/NOR Gate
|
ON Semiconductor
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
ECLSOIC8EVB NB6L16D MC100EL01D MC100EL04D MC100EL0 |
3.3V / 5V ECL JK Flip Flop 5V ECL 2-Input XOR/XNOR 5V ECL Divide by 2 Divider Evaluation Board Manual for High Frequency SOIC 8
|
ONSEMI[ON Semiconductor]
|
MC100H646 MC100EP445FA MC100E156FNR2 MC100EPT22D M |
PECL/TTL-TTL 1:8 Distribution Chip 3.3V / 5VECL 8-Bit Serial/Parallel Converter 5V ECL 3-Bit 4:1 Mux-Latch 3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V / 5V 2-Input Differential AND/NAND 3.3V / 5V ECL ÷2 Divider 5V ECL Divide by 2, Divide by 4/6 Clock Generation Chip 5V ECL Low Impedance Driver
|
ON Semiconductor
|
MC100EL07DTR2 MC100EP33DR2 MC100EL38 |
5V ECL 2-Input XOR/XNOR 3.3V / 5V ECL ÷4 Divider 5V ECL Divide by 2, Divide by 4/6 Clock Generation Chip
|
ON Semiconductor
|
AZ10/100EP16VSL AZ100EP16VSD |
ECL/PECL Differential Receiver with Variable Output Swing ECL / PECL的差分接收器输出变秋
|
Arizona Microtek, Inc. Electronic Theatre Controls, Inc.
|
SP8695A SP8695B |
LOW POWER ECL COUNTER WITH BOTH ECL 10K AND TTL COMPATIBLE OUTPUTS
|
List of Unclassifed Manufacturers ETC
|
SP8665B SP8668B |
The SP8865/8 are asynchronous ECL counters which provide ECL compatible outputs
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
AZ100EL31 AZ10EL31 AZ10EL31DR2 AZ100EL31T AZ100EL3 |
ECL/PECL D Flip-Flop with Set and Reset ECL / PECL的D触发器的设置和复 From old datasheet system
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Arizona Microtek
|
AZ100EL01D AZ100EL01T |
ECL/PECL 4-Input OR/NOR ECL / PECL输入或非
|
Arizona Microtek, Inc.
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
MC10H68006 MC10H680FNR2G MC100H680 MC100H680FN MC1 |
Quad Bus TRS/Rectifier ECL Differential; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 QUAD TTL TO ECL TRANSCEIVER, COMPLEMENTARY OUTPUT, PQCC28 4−Bit Differential ECL Bus to TTL Bus Transceiver
|
ONSEMI[ON Semiconductor]
|