PART |
Description |
Maker |
M74VHC1G126DFT1G M74VHC1G126DFT2G MC74VHC1G126DFT1 |
Noninverting 3−State Buffer AHC/VHC SERIES, 1-BIT DRIVER, TRUE OUTPUT, PDSO5 NONINVERTING 3−STATE BUFFER
|
ONSEMI[ON Semiconductor]
|
IXDI630MYI IXDN630MYI IXDN630CI |
30 A BUF OR INV BASED MOSFET DRIVER, PSSO5 ROHS COMPLIANT, TO-263, 5 PIN 30 A BUF OR INV BASED MOSFET DRIVER, SFM5
|
Clare, Inc. CLARE INC
|
IXDN404SIA IXDF404SIA-16 |
2 CHANNEL, BUF OR INV BASED PRPHL DRVR, PDSO8 MS-012AA, SOIC-8 2 CHANNEL, BUF OR INV BASED PRPHL DRVR, PDSO16
|
IXYS, Corp. IXYS CORP
|
MC54HCT373AJ MC54_74HCT373A MC74HCT373ASD ON1523 M |
High?Performance Silicon?Gate CMOS Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs OCTAL 3-STATE NONINVERTING TRANSPARENT LATCH WLTH LSTTL-COMPATIBLE INPUTS From old datasheet system
|
Motorola, Inc ON Semi
|
MC74HCT244SD MC54_74HCT244A MC74HCT244 ON1516 MC74 |
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs HCT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20 From old datasheet system OCTAL 3-STATE NONINVERTING BUFFER/LLNE DRLVER/LINE RECEIVER WITH LSTTL-COMPATIVLE INPUTS
|
Motorola Mobility Holdings, Inc. ON Semi Motorola, Inc
|
74HC125 74HC125DR2G 74HC125DTR2G MC74HC125ADG |
Quad 3−State Noninverting Buffers Quad 3?State Noninverting Buffers
|
ON Semiconductor
|
MC74VHC1GT05DFT1 MC74VHC1GT05DFT2 MC74VHC1GT05DFT4 |
Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs Noninverting Buffer/CMOS Logic Level Shifter Trimmer; Series:3386; Track Resistance:200ohm; Resistance Tolerance: 10%; Power Rating:0.5W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes
|
LRC[Leshan Radio Company] 乐山无线电股份有限公
|
HD74164 HD74S10 HD74S11 HD74S112 HD74S113 HD74S114 |
TTLHD74/HD74SSeries Quadruple 2-Input Positive-OR Gates 20-LCCC -55 to 125 Bridge Rectifier; Repetitive Reverse Voltage Max, Vrrm:45V; Package/Case:TO-3P; Current Rating:15A; Forward Current:0.03A; Forward Voltage:0.76 Hex Noninverting Buffers With Open-Collector Outputs 14-CDIP -55 to 125 Hex Noninverting Buffers With Open-Collector Outputs 20-LCCC -55 to 125 Hex Noninverting Buffers With Open-Collector Outputs 14-CFP -55 to 125 VARACTOR-33.0 PF AT 4 V TTLHD74/HD74S系列 Quadruple 2-Input Positive-NAND Gates 14-CDIP -55 to 125 TTL电HD74/HD74S系列 D-AM RADIO TUNING DIODE TTL HD74/HD74S Series
|
http:// HITACHI[Hitachi Semiconductor]
HITACHI
Hitachi,Ltd.
|
MC74VHC126-D |
Noninverting 3-State Buffer
|
ON Semiconductor
|
IN74HC574 IN74HC574ADW IN74HC574AN IN74HC534A IN74 |
Noninverting D Flip-Flop
|
INTEGRAL[Integral Corp.] ETC[ETC] INTEGRAL Semiconductor Devices
|
IN74HCT126AN IN74HCT126A IN74HCT126AD |
QUAD 3-STATE NONINVERTING BUFFERS
|
INTEGRAL[Integral Corp.]
|