PART |
Description |
Maker |
FQA13N50C |
500V N-Channel Advance Q-FET C-Series 500V N-Channel MOSFET 13.5 A, 500 V, 0.48 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRFP460 IRFP460PBF |
20 A, 500 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 0.27ohm,身份证\u003d 20A条) 500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier, Corp.
|
FDPF5N50FT |
500V N-Channel MOSFET, FRFET; Package: TO-220F; No of Pins: 3; Container: Rail 4.5 A, 500 V, 1.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FQPF11N50CF FQP11N50CF |
500V N-Channel MOSFET 11 A, 500 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQU1N50B FQD1N50B FQU1N50 |
500V N-Channel MOSFET 1.1 A, 500 V, 9 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQB9N50CFTM |
500V N-Channel MOSFET 9 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Fairchild Semiconductor, Corp.
|
BUZ45B |
10A, 500V, 0.500 Ohm, N-Channel Power MOSFET 10A/ 500V/ 0.500 Ohm/ N-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
FA57SA50LC FA57SA50LCPBF |
57 A, 500 V, 0.08 ohm, N-CHANNEL, Si, POWER, MOSFET 500V Single N-Channel HEXFET Power MOSFET in a SOT-227 (Iso) package
|
International Rectifier
|
FQNL2N50BBU |
500V N-Channel QFET; Package: TO-92L; No of Pins: 3; Container: Bulk 0.35 A, 500 V, 5.3 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
STB6NB50 STB6NB50-1 |
FUSE/SM .8W, VMAX = 6 VDC, I(TRIP) = 2.2 A 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 5.8AI(四)|62AA N-CHANNEL Power MOSFET N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET N - CHANNEL 500V - 1.35 Ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
IRFB20N50K IRFB20N50KPBF |
20 A, 500 V, 0.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB SMPS MOSFET HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IR International Rectifier
|
AM29DL323DB90WDIN AM29DL323DB120WDI AM29DL323DB120 |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRF450 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7228 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A IRFE430 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6802U with Standard Packaging 12V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRL7NJ3802 with Standard Packaging 60V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY044CM with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRFM140 with Standard Packaging -20V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRL5NJ7404 with Standard Packaging 150V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRF5M3415 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A JANTXV2N7222U with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7218 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRFM260 with Standard Packaging AME270461; A AME270461 with Standard Packaging x8/x16闪存EEPROM AFC461; Qualified Part Number similar to AFC461 x8/x16闪存EEPROM AME28461; A AME28461 with Standard Packaging x8/x16闪存EEPROM x8/x16 Flash EEPROM x8/x16闪存EEPROM 100V Single N-Channel Hi-Rel MOSFET in a TO-204AE package; A JANTXV2N6764 with Standard Packaging x8/x16闪存EEPROM IR2113L6; A IR2113L6 with Standard Packaging x8/x16闪存EEPROM -55V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A IRF5M4905 with Standard Packaging x8/x16闪存EEPROM
|
Spansion, Inc.
|
|