PART |
Description |
Maker |
FAN2013 FAN2013MPX FAN201308 |
2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
|
Fairchild Semiconductor
|
MAX741UC_D MAX741UCAP MAX741UCPP MAX741UEAP MAX741 |
Pin-Programmed, Low-Voltage, Current-Mode SMPS Controller
|
MAXIM[Maxim Integrated Products]
|
TLE9266-2QX |
Supply voltage regulator Very low quiescent current consumption in Stop- and Sleep Mode
|
Infineon Technologies AG Infineon Technologies A...
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
RE030 |
1.75V to 2.1V. rated for loads up to 180 mA in full power mode and 5 mA in low power mode. It is designed to be integrated with other analog cells RE030 is a dual mode Low Drop Out (LDO) voltage regulator macrocell with programmable output voltage ranging from 1.75V to 2.1V, rated for loads up to 180 mA in full power mode and 5 mA in low power mode. It is designed to be integrated wi
|
Atmel
|
1N3821A 1N3822A 1N3828ATR 1N3828AUR-1TR 1N3822ATR |
Zener Voltage Regulator Diode DIN Rail Mount SSR RoHS Compliant: Yes 1瓦稳压二极管 ALLIG CL PATCH CORD (BLACK) RoHS Compliant: Yes 瓦稳压二极管 Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 5.6 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-202AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 5.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-202AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 5.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 5.1 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 5.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB GT 11C 11#16 SKT RECP BOX 1瓦稳压二极管 Earth Ground Resistance Meter; Kit Contents:; Resistance Measuring Range:; Voltage Measuring Range AC: RoHS Compliant: NA 瓦稳压二极管 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 36 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-202AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 4.3 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 6.8 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-202AA GT 8C 8#16 PIN RECP BOX 36 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-202AA Analog Insulation & Continuity Meter RoHS Compliant: NA 瓦稳压二极管 FKIC 2.5/ 5-ST-5.08 6.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 5.6 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 6.2 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 6.2 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 RELAY SSR SPST-NO 100VDC 3A DIN 瓦稳压二极管 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) RELAY SSR SPST-NO 240VAC 5A DIN 瓦稳压二极管 GT 14C 14#16 SKT RECP BOX IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,SIP Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes RELAY SSR SPST-NO 240VAC 4A PCB SILICON 1 WATT ZENER DIODES
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
1N964B 1N957B-1 1N965B 1N991B 1N958B 1N959B 1N960B |
Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 27 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 82 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA Zener Voltage Regulator Diode 150 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA SILICON 400 mW ZENER DIODES Ultra-Low-Voltage SC70 Voltage Detectors and µP Reset Circuits SILICON 500 mW ZENER DIODES
|
MICROSEMI CORP-LAWRENCE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
RC5051 RC5051M |
Current-Mode SMPS Controller Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors From old datasheet system
|
Fairchild Semiconductor Corporation
|
MAX6106 MAX6102 MAX6104 MAX6107 MAX6103 MAX6100-MA |
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.8 V, PDSO3 (MAX6100 - MAX6107) Low-Cost / Micropower / Low-Dropout / High-Output-Current / SOT23 Voltage References "Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References" From old datasheet system
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
PI6C2409-LI PI6C2409 PI6C2409-1HL PI6C2409-1HW PI6 |
Zero-Delay Clock Buffer Low Input Voltage Current Mode Step-Down DC/DC Controller; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Clock IC | 9 Output Zero-Delay Clock Driver. High Drive. Industrial Temp. Operation Low Input Voltage Current Mode Step-Down DC/DC Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 时钟IC | 9输出零延迟时钟驱动器。工业温度。操 16-Bit, 200ksps, Serial Sampling ADC; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C 时钟IC | 9输出零延迟时钟驱动器
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp. Pericom Semiconductor, Corp.
|
26001601 |
Low-Cost, Current-Mode PWM Buck Controller with Foldback Current Limit SNAPFIT性病型灰100
|
Vishay Intertechnology, Inc.
|
|