PART |
Description |
Maker |
CAT28C17A04 CAT25C17ANA-20T CAT25C17AJ-20T CAT25C1 |
2K X 8 EEPROM 5V, 200 ns, PDSO28 16K-Bit CMOS PARALLEL EEPROM Parallel EEPROM, 16Kb, RDY/BSY Pin
|
ON SEMICONDUCTOR CATALYST[Catalyst Semiconductor]
|
28C010TRTDI-15 28C010TRPFB-15 28C010TRT2DI-12 28C0 |
1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DIP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 150 ns, DIP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 150 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 120 ns, DFP32 POT 200K OHM THUMBWHEEL CERM ST 128K X 8 EEPROM 5V, 200 ns, DFP32 150 x 32 pixel format, LED Backlight available 128K X 8 EEPROM 5V, 120 ns, DIP32 Low Profile Power Inductor; Inductor Type:Power; Inductance:1uH; Inductance Tolerance: /- 20 %; Series:HC2LP; Core Material:Ferrite; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Voltage Rating:400VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.068uF; Capacitance Tolerance: /- 10%; Lead Pitch:15mm; Leaded Process Compatible:No; Package/Case:F; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
http:// Maxwell Technologies, Inc
|
PIC16F84AT-04I_PQTP PIC16F84AT-04I_PROM PIC16F84AT |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash/EEPROM-based ... 18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
|
Microchip Technology
|
256F-25UM AT28C256E-20DM |
32K X 8 EEPROM 5V, 250 ns, CPGA28 32K X 8 EEPROM 5V, 200 ns, CDIP28
|
ATMEL CORP
|
AT28BV256-20PI AT28BV256-20PU AT28BV256-20JI AT28B |
200NS, SOIC, IND TEMP(EEPROM) 32K X 8 EEPROM 3V, 200 ns, PDSO28 256K (32K x 8) Battery-Voltage Parallel EEPROMs
|
Atmel, Corp. ATMEL Corporation
|
7490100123 |
Discrete Single Port 10/100 Base-T PDSO-G16
|
Midcom
|
000-7090-37R |
Discrete Single Port 10/100 Base-T PDSO-G16
|
Midcom
|
AT28C256F-20UL AT28C256E-20UL AT28C256-20UL AT28C2 |
32K X 8 EEPROM 5V, 200 ns, CPGA28 CERAMIC, PGA-28 32K X 8 EEPROM 5V, 250 ns, CPGA28
|
Atmel, Corp. ATMEL CORP
|
SST29LE020-200-4I-EH |
256K X 8 EEPROM 3V, 200 ns, PDSO32
|
SILICON STORAGE TECHNOLOGY INC
|
BR24L64FJ-WE2 BR24L02FVM-WTR BR24L04NUX-WTR BR24L0 |
I2C BUS 64Kbit(8192x8bit) EEPROM I2C BUS 2Kbit(256x8bit) EEPROM I2C BUS 4Kbit(512x8bit) EEPROM I2C BUS 1Kbit(128x8bit) EEPROM I2C BUS 8Kbit(1024x8bit) EEPROM I2C BUS 16Kbit(2048x8bit) EEPROM I2C BUS 32Kbit(4096x8bit) EEPROM
|
ROHM
|