PART |
Description |
Maker |
CAT24FC64GLETE13 |
64K-Bit I2C Serial CMOS EEPROM 64K的位I2C串行CMOS EEPROM
|
Micron Technology, Inc.
|
FM24C64 FM24C64E FM24C64L FM24C64LZ FM24C64V 24C64 |
8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 64K-BitStandard2-WireBusInterfaceSerialEEPROM 64K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system
|
FAIRCHILD SEMICONDUCTOR CORP FairchildSemiconductor FAIRCHILD[Fairchild Semiconductor]
|
NM24C32 NM24C32FN NM24C32FVM8 NM24C32FLVM8 NM24C32 |
I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NM24C65 NM24C65FLZEN NM24C65FLZVN NM24C65FLZEM8 NM |
I2C Serial EEPROM 64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CAT24WC3305 CAT24WC33PI-1.8TE13B CAT24WC33PI-1.8TE |
8K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 0.300 INCH, PLASTIC, MS-012, DIP-8 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 0.300 INCH, PLASTIC, MS-012, DIP-8 32K/64K-Bit I2C Serial CMOS EEPROM
|
Vicor, Corp. CATALYST[Catalyst Semiconductor]
|
CAT24FC256_05 CAT24FC256 CAT24FC256GLA-1.8TE13 CAT |
256K-Bit I2C Serial CMOS EEPROM 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 0.300 INCH, PLASTIC, MS-001, DIP-8 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
http:// CATALYST[Catalyst Semiconductor] Ecliptek, Corp.
|
CAT1641 |
Supervisory Circuits with I2C Serial 64K CMOS EEPROM
|
Catalyst Semiconductor
|
IS24C02A-2PLI IS24C08A-2GI-TR IS24C08A-2G-TR IS24C |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC GIANTEC SEMICONDUCTOR INC
|
CAT28LV64GI-20T CAT28LV64GI-15T CAT28LV64GA-20T CA |
DC-DC Converter, 2Watt, Input VDC: 5, Output VDC: 15, Max Output Current(A): 0.133, Package: SIP4, Isolation(VDC): 1000, Operating Temp. -40C to 85C, Low Ripple & Noise, High Efficiency up to 85%, Low Profile Plastic Case, Single Output 64K-Bit CMOS PARALLEL EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 8K X 8 EEPROM 3V, 200 ns, PDIP28 64K-Bit CMOS PARALLEL EEPROM
|
http:// EEPROM Abracon, Corp. Coilcraft, Inc. Vishay Intertechnology, Inc. Vicor, Corp. Catalyst Semiconductor
|
PCF8598C-2P/02112 |
1024 x 8-bit CMOS EEPROM with I2C-bus interface; Package: SOT97-1 (DIP8); Container: Tube 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
NXP Semiconductors N.V.
|
CAT24WC66_06 CAT24WC66 CAT24WC6633L-1.8-GT2C CAT24 |
64K-bit I2C Serial EEPROM with Partial Array Write Protection
|
http:// CATALYST[Catalyst Semiconductor]
|