PART |
Description |
Maker |
UR533L-15-TQ5-R UR533L-15-TQ5-T UR533-25-TQ5-T UR5 |
1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5A的快速超低压差线性稳压器 1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, PSSO5 1.5A Fast Ultra Low Dropout Linear Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.18 V DROPOUT, SFM5 5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
|
UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
MAX1725 MAX1725EUK-T MAX1725-MAX1726 MAX1726 MAX17 |
12V / Ultra-Low IQ / Low-Dropout Linear Regulators 12V Ultra-Low IQ Low-Dropout Linear Regulators 12V, Ultra-Low IQ, Low-Dropout Linear Regulators Replaced by TMS320VC5506 :
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
OMR9601 OMR9601SCH OMR9601SCK OMR9601SFH OMR9601SF |
1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR 1个M拉德(硅),低压差线性稳压器的正 From old datasheet system 1 M Rad (Si) ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
|
List of Unclassifed Man... JAE Electronics, Inc. ETC[ETC] List of Unclassifed Manufacturers Omnirel
|
APE8951 |
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
|
Advanced Power Electronics Corp.
|
BD3550HFN08 BD3551HFN |
Ultra Low Dropout Linear Regulators for PC
|
Rohm
|
AZ2940S-3.3TRG1 AZ2940S-5.0TRG1 AZ2940S-5.0G1 AZ29 |
1A ULTRA LOW DROPOUT LINEAR REGULATOR
|
Diodes BCD Semiconductor Manufacturing Limited
|
RT918307 RT9183L-12PG RT9183L-12PGF RT9183L-12PM R |
Ultra Low Dropout 1.5A Linear Regulator
|
Richtek Technology Corp... Richtek Technology Corporation
|
AZ39150S-3.3 AZ39150S-3.3TRE1 AZ39150S-5.0 AZ39150 |
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
|
BCD Semiconductor Manufacturing Limited BCDSEMI
|