PART |
Description |
Maker |
AD5307 AD5307BRU AD5317BRU AD5327BRU |
IC-SM-QUAD 12-BIT DAC 2.5V IC-SM-QUAD 10-BIT DAC 2.5V IC-SM-QUAD 8-BIT DAC 2.5V 2.5 V to 5.5 V, 400 A, Quad Voltage Output 8-Bit DAC in a 16-Lead TSSOP
|
Analog Devices
|
DAC8412ET |
Quad, 12-Bit DAC Voltage Output with Readback; Package: CERDIP GLASS SEAL; No of Pins: 28; Temperature Range: TBD QUAD, PARALLEL, WORD INPUT LOADING, 6 us SETTLING TIME, 12-BIT DAC, CDIP28
|
Analog Devices, Inc.
|
AD5304ARM AD5304ARM-REEL7 AD5314ARM AD5324ARM |
2.5 V to 5.5 V, 500 µA, Quad Voltage Output 8-Bit DAC in a 10-Lead MicroSOIC Package 2.5 V to 5.5 V, 500 µA, Quad Voltage Output 10-Bit DAC 2.5 V to 5.5 V, 500 µA Quad Voltage Output 12-Bit DAC
|
Analog Devices
|
5962-9176402M3A 5962-9176401MXA 5962-9176404M3A 59 |
Quad 12-Bit DAC Voltage Output with Readback Reset to Mid-Scale Quad 12-Bit DAC Voltage Output with Readback Reset to Zero Code
|
Analog Devices
|
AD7846KPZ 5962-8969701XA 5962-89697013A AD7846ACHI |
16-Bit Voltage Output CMOS DAC PARALLEL, WORD INPUT LOADING, 7 us SETTLING TIME, 16-BIT DAC, PQCC28 LC2MOS 16-Bit Voltage Output DAC
|
Analog Devices, Inc.
|
TC1321 TC1321EUA TC1321EOA TC1321EOATR TC1321EUATR |
The TC1321 is a serially accessible 10-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ... The TC1321 is a serially accessible 10-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply tha 10-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
AD5305ARM AD5325ARM AD5305ARM-REEL7 AD5305BRM-REEL |
2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 µA, 2-Wire Interface Quad Voltage Output 12-Bit DAC in a 10-Lead MicroSOIC Package 2.5 V to 5.5 V, 500 µA, 2-Wire Interface Quad Voltage Output 8-Bit DAC in a 10-Lead MicroSOIC Package 2.5 V to 5.5 V, 500 µA, 2-Wire Interface Quad Voltage Output 10-Bit DAC
|
Analog Devices, Inc.
|
AD5327 AD5334 AD5334BRU |
2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs QUAD, PARALLEL, 8 BITS INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO24 2.5 V to 5.5 V/ 500 uA/ Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC Analog Devices, Inc.
|
74AC00MTC 74AC00PC 74AC00SC 74AC00SJ 74ACT00MTC 74 |
CMOS, Quad, 8-Bit DAC with Voltage-Output Amplifier Latches AC SERIES, QUAD 2-INPUT NAND GATE, PDSO14 From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
MAX527DEWG MAX526DMYG/883B MAX527DMYG/883B MAX526D |
Calibrated, Quad, Voltage-Output, 12-Bit DAC
|
MAXIM - Dallas Semiconductor
|
MAX5251 MAX5251ACAP MAX5251ACPP MAX5251AEAP MAX525 |
3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface 3V / Quad / 10-Bit Voltage-Output DAC with Serial Interface
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|