PART |
Description |
Maker |
LT3845A LT3844 LTC3891 LT3741 LT37241 LTC3835-1 LT |
High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown High Voltage, Current Mode Switching Regulator Controller; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 0.3 A SWITCHING CONTROLLER, 220 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage, Current Mode Switching Regulator Controller
|
Linear Technology, Corp.
|
2SC5176 E001060 |
From old datasheet system NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING, DC-DC CONVERTER APPLICATIONS) HIGH CURRENT SWITCHING APPLICATIONS DC-DC CONCERTER APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
LT1308 LT1308CS8 LT1308IS8 1308I LT1308AIS8 LT1308 |
High Current/ Micropower Single Cell/ 600kHz DC/DC Converters From old datasheet system Single Cell High Current Micropower 600kHz Boost DC/DC Converter SWITCHING REGULATOR, 750 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC1775 LTC1775I LTC1775IGN LTC1775IS LTC1775C LTC |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Quadruple 2-Input Positive-NAND Gate 14-SOIC -40 to 85 High Power No RSENSE Current Mode Synchronous Step-Down Switching Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C High Power No RSENSE Current Mode Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
|
Linear Technology Corporation LINER[Linear Technology]
|
MMBT3904 SMBT3904 SMBT3904/MMBT3904 |
Switching Transistors - NPN Silicon Switching Transistor with high current gain
|
INFINEON[Infineon Technologies AG]
|
UC3842ADR2 UC3842A05 UC3843AD2R2 UC3843AD2R2G UC38 |
1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO8 High Performance Current Mode Controllers
|
ONSEMI[ON Semiconductor]
|
UC3844-D08-T UC3844-S08-T UC3845 UC3844 UC3845L-S0 |
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, DIP8 HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO8
|
Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies] UNISONIC TECHNOLOGIES CO LTD
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
MAX1954BEUB MAXIMINTEGRATEDPRODUCTSINC-MAX1954BEUB |
Low-Cost, High-Frequency, Current-Mode PWM Buck Controllers SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Products, Inc.
|
CMPD415010 |
SURFACE MOUNT HIGH CURRENT, HIGH SPEED SILICON SWITCHING DIODE
|
Central Semiconductor Corp
|