PART |
Description |
Maker |
AD8603 AD8603AUJ-R2 AD8603AUJ-REEL AD8603AUJ-REEL7 |
Precision Single MicroPower Rail to Rail Input/Output Low Noise CMOS Operational Amplifier Precision Dual MicroPower Rail-to-Rail Input/Output Amplifier Precision Micropower Low Noise CMOS Rail-Rail Input/Output Operational Amplifiers DUAL OP-AMP, 700 uV OFFSET-MAX, 0.385 MHz BAND WIDTH, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
EL5027IWTZ-T7A EL5027 EL5027IWTZ-T7 |
2-Channel, Low Power Rail-to-Rail Input-Output Buffer Dual 2.5MHz Rail-to-Rail Input-Output Buffer
|
INTERSIL[Intersil Corporation]
|
LT6202CS5 LT6202CS8 LT6203CS8 LT6202 LT6204 LT6204 |
Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps
|
http:// Linear Technology Corporation LINER[Linear Technology]
|
LT1494 LT1494CN8 LT1494IMS8 LT1494CMS8 LT1494CS8 L |
1.5盗 Max, Precision Rail-to-Rail Input and Output Op Amp 1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
|
LINER[Linear Technology]
|
ISL28266FAZ-T7 ISL28266 ISL28166FHZ-T7 ISL28166 |
39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
|
http:// Intersil Corporation
|
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AZV832MM-G1 AZV832MTR-G1 AZV832M-G1 AZV832MMTR-G1 |
Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifiers
|
BCD Semiconductor Manufacturing Limited
|
LT1807IS8-PBF LT1807IS8-TRPBF LT1806IS6-PBF LT1806 |
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion,Low Noise Precision Op Amps
|
Linear Technology
|
TS951IDT TS954IDT TS954IYD TS954IYDT TS954IYPT TS9 |
Input/output rail-to-rail low power operational amplifier
|
STMicroelectronics
|
TS1854IPT TS1851_07 TS1851AILT TS1851ILT TS1852 TS |
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
|
STMICROELECTRONICS[STMicroelectronics]
|
TSV32107 |
General purpose input/output rail-to-rail low power operational amplifiers
|
STMicroelectronics
|